Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C024-35AI Datasheet(PDF) 15 Page - Cypress Semiconductor

Part # CY7C024-35AI
Description  4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C024-35AI Datasheet(HTML) 15 Page - Cypress Semiconductor

Back Button CY7C024-35AI Datasheet HTML 11Page - Cypress Semiconductor CY7C024-35AI Datasheet HTML 12Page - Cypress Semiconductor CY7C024-35AI Datasheet HTML 13Page - Cypress Semiconductor CY7C024-35AI Datasheet HTML 14Page - Cypress Semiconductor CY7C024-35AI Datasheet HTML 15Page - Cypress Semiconductor CY7C024-35AI Datasheet HTML 16Page - Cypress Semiconductor CY7C024-35AI Datasheet HTML 17Page - Cypress Semiconductor CY7C024-35AI Datasheet HTML 18Page - Cypress Semiconductor CY7C024-35AI Datasheet HTML 19Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
CY7C024/024A/0241
CY7C025/0251
Document #: 38-06035 Rev. *D
Page 15 of 21
Note
42. If tPS is violated, the busy signal is asserted on one side or the other, but there is no guarantee to which side BUSY is asserted.
Switching Waveforms (continued)
ADDRESS MATCH
tPS
tBLC
tBHC
ADDRESS MATCH
tPS
tBLC
tBHC
CER ValidFirst:
ADDRESS L,R
BUSYR
CEL
CER
BUSYL
CER
CE L
ADDRESS L,R
Figure 13. Busy Timing Diagram No.1 (CE Arbitration)[42]
CELValid First:
ADDRESS MATCH
tPS
ADDRESS L
BUSY R
ADDRESS MISMATCH
tRC or tWC
tBLA
tBHA
ADDRESSR
ADDRESS MATCH
ADDRESS MISMATCH
tPS
ADDRESSL
BUSY L
tRC or tWC
tBLA
tBHA
ADDRESSR
Right Address Valid First:
Figure 14. Busy Timing Diagram No.2 (Address Arbitration)[42]
Left Address Valid First:
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com