Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3082ESTPBF Datasheet(PDF) 5 Page - Linear Technology

Part # LT3082ESTPBF
Description  200mA Single Resistor Low Dropout Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3082ESTPBF Datasheet(HTML) 5 Page - Linear Technology

  LT3082ESTPBF Datasheet HTML 1Page - Linear Technology LT3082ESTPBF Datasheet HTML 2Page - Linear Technology LT3082ESTPBF Datasheet HTML 3Page - Linear Technology LT3082ESTPBF Datasheet HTML 4Page - Linear Technology LT3082ESTPBF Datasheet HTML 5Page - Linear Technology LT3082ESTPBF Datasheet HTML 6Page - Linear Technology LT3082ESTPBF Datasheet HTML 7Page - Linear Technology LT3082ESTPBF Datasheet HTML 8Page - Linear Technology LT3082ESTPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LT3082
5
3082f
TEMPERATURE (°C)
–50
0
0.4
0.6
0.8
1.4
1.2
0
50
75
3082 G10
0.2
1.0
–25
25
100 125
150
ILOAD = 100mA
ILOAD = 200mA
TEMPERATURE (°C)
–50
0
50
150
200
250
500
350
0
50
75
3082 G12
100
400
450
300
–25
25
100 125
150
VIN = 7V
VOUT = 0V
LOAD CURRENT (mA)
0
0
0.4
0.8
1.2
25
50
75
100
150
125
175
1.6
0.2
0.6
1.0
1.4
200
3082 G09
TJ = –55°C
TJ = 25°C
TJ = 125°C
INPUT-TO-OUTPUT DIFFERENTIAL VOLTAGE (V)
0
0
100
200
300
2
4
68
10
400
50
150
250
350
3082 G11
TJ = 25°C
TIME (μs)
0
VOUT = 1V
CIN = 1μF CERAMIC
COUT = 2.2μF CERAMIC
CSET = 0.1μF
ΔILOAD = 10mA to 200mA
3082 G13
0
–50
200
100
200
300
–150
100
–100
150
250
0
50
50
150
400
500
250
350
450
TIME (μs)
–20
–40
VOUT = 1V
CIN = 1μF CERAMIC
COUT = 2.2μF CERAMIC
CSET = 0.1μF
ILOAD = 10mA
3082 G14
0
60
100
200
300
20
40
2
0
6
4
0
50
150
400
500
250
350
450
TIME (μs)
0
COUT = 2.2μF CERAMIC
RSET = 100k
CSET = 0
RLOAD = 5Ω
0
2.0
20
40
60
1.0
1.5
0
4
2
0.5
10
30
80
100
50
70
90
TYPICAL PERFORMANCE CHARACTERISTICS
Current Limit
Line Transient Response
Load Transient Response
Dropout Voltage
Dropout Voltage
Current Limit
Turn-On Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com