Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3082ESTPBF Datasheet(PDF) 1 Page - Linear Technology

Part # LT3082ESTPBF
Description  200mA Single Resistor Low Dropout Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3082ESTPBF Datasheet(HTML) 1 Page - Linear Technology

  LT3082ESTPBF Datasheet HTML 1Page - Linear Technology LT3082ESTPBF Datasheet HTML 2Page - Linear Technology LT3082ESTPBF Datasheet HTML 3Page - Linear Technology LT3082ESTPBF Datasheet HTML 4Page - Linear Technology LT3082ESTPBF Datasheet HTML 5Page - Linear Technology LT3082ESTPBF Datasheet HTML 6Page - Linear Technology LT3082ESTPBF Datasheet HTML 7Page - Linear Technology LT3082ESTPBF Datasheet HTML 8Page - Linear Technology LT3082ESTPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LT3082
1
3082f
TYPICAL APPLICATION
DESCRIPTION
200mA Single Resistor Low
Dropout Linear Regulator
The LT®3082 is a 200mA low dropout linear regulator that
can be paralleled to increase output current or spread heat
in surface mounted boards. Architected as a precision
current source and voltage follower, this regulator benefits
many applications requiring high current, adjustability to
zero and no heat sink. The LT3082 withstands reverse
input voltages and reverse output-to-input voltages without
reverse-current flow.
A key feature of the LT3082 is the capability to supply a
wide output voltage range. A precision “0” TC 10μA ref-
erence current source drives a single resistor to program
the output voltage to any level between zero and 38.5V.
The LT3082 is stable with only 2.2μF of capacitance on
the output; the IC uses small ceramic capacitors that
do not require additional ESR as is common with other
regulators.
Internal protection circuitry includes reverse-battery and
reverse-current protection, current limiting and ther-
mal limiting. The LT3082 is offered in the thermally en-
hanced 8-lead TSOT-23, 3-lead SOT-223 and 8-lead 3mm
× 3mm DFN packages.
Variable Output Voltage Battery Powered Supply
FEATURES
APPLICATIONS
n
Outputs May Be Paralleled for Higher Output
Current or Heat Spreading
n
Maximum Output Current: 200mA
n
Wide Input Voltage Range: 1.2V to 40V
n
Output Adjustable to 0V
n
Stable with Minimum 2.2μF Ceramic Capacitors
n
Single Resistor Sets Output Voltage
n
Initial Set Pin Current Accuracy: 1%
n
Low Output Noise: 33μVRMS (10Hz to 100kHz)
n
Reverse-Battery Protection
n
Reverse-Current Protection
n
<1mV Load Regulation Typical
n
<0.001%/V Line Regulation Typical
n
Current Limit and Thermal Shutdown Protection
n
Available in 8-Lead SOT-23, 3-Lead SOT-223 and
8-Lead 3mm × 3mm DFN Packages
n
All-Surface Mount Power Supply
n
Post Regulator for Switching Supplies
n
Low Parts Count Variable Voltage Supply
n
Low Output Voltage Supply
n
Battery Powered Regulator
SET Pin Current vs Temperature
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
TEMPERATURE (°C)
–50
9.900
9.950
10.000
10.050
–25
0
25
50
100
75
125
10.100
9.925
9.975
10.025
10.075
150
3082 TA01b
3082 TA01a
IN
SET
OUT
+
–
LT3082
VOUT = 10μA • RSET
CSET
0.1μF
RSET
500k
1μF
10μA
9V
COUT
2.2μF


Similar Part No. - LT3082ESTPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3082 LINER-LT3082 Datasheet
264Kb / 28P
Adjustable 3A Single Resistor Low Dropout Regulator
LT3082 LINER-LT3082 Datasheet
382Kb / 26P
45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT3082 LINER-LT3082 Datasheet
286Kb / 24P
Dual 150mA Positive/Negative Low Noise
LT3082 LINER-LT3082 Datasheet
351Kb / 28P
Adjustable 3A Single Resistor Low Dropout Regulator
logo
Linear Integrated Syste...
LT3082 LINEAR-LT3082 Datasheet
1Mb / 28P
800mA Single Resistor Rugged Linear Regulator with Monitors
More results

Similar Description - LT3082ESTPBF

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1598 MAXIM-MAX1598 Datasheet
363Kb / 9P
Low-Noise, Low-Dropout, 200mA Linear Regulator
Rev 0; 10/02
logo
Unisonic Technologies
UR132 UTC-UR132_05 Datasheet
111Kb / 4P
200mA LOW DROPOUT LINEAR VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC5201 MICREL-MIC5201_05 Datasheet
1,009Kb / 9P
200mA Low-Dropout Regulator
logo
Maxim Integrated Produc...
MAX8532 MAXIM-MAX8532_12 Datasheet
315Kb / 8P
Low-Noise, Low-Dropout,200mA Linear Regulator in UCSP
Rev 1; 2/12
logo
Unisonic Technologies
UR132 UTC-UR132_11 Datasheet
192Kb / 4P
200mA LOW DROPOUT LINEAR VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC5201-3.0YM MICREL-MIC5201-3.0YM Datasheet
1,009Kb / 9P
200mA Low-Dropout Regulator
logo
E-Tech Electronics LTD
UR132 ETL-UR132 Datasheet
176Kb / 5P
200mA LOW DROPOUT LINEAR VOLTAGE REGULATOR
logo
Linear Technology
LT3082 LINER-LT3082_15 Datasheet
299Kb / 20P
200mA Single Resistor Low Dropout Linear Regulator
logo
Texas Instruments
UCC386 TI1-UCC386_08 Datasheet
145Kb / 9P
LOW-DROPOUT 200mA LINEAR REGULATOR
logo
Fitipower Integrated Te...
FP6161 FITIPOWER-FP6161 Datasheet
556Kb / 12P
Low Input Voltage, Low-Dropout 200mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com