Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC2810 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # UCC2810
Description  Dual Channel Synchronized Current Mode PWM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC2810 Datasheet(HTML) 1 Page - Texas Instruments

  UCC2810 Datasheet HTML 1Page - Texas Instruments UCC2810 Datasheet HTML 2Page - Texas Instruments UCC2810 Datasheet HTML 3Page - Texas Instruments UCC2810 Datasheet HTML 4Page - Texas Instruments UCC2810 Datasheet HTML 5Page - Texas Instruments UCC2810 Datasheet HTML 6Page - Texas Instruments UCC2810 Datasheet HTML 7Page - Texas Instruments UCC2810 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UCC1810
UCC2810
UCC3810
02/99
FEATURES
• Single Oscillator Synchronizes Two
PWMs
• 150 A Startup Supply Current
• 2mA Operating Supply Current
• Operation to 1MHz
• Internal Soft Start
• Full-Cycle Fault Restart
• Internal Leading Edge Blanking of the
Current Sense Signal
• 1 Amp Totem Pole Outputs
• 75ns Typical Response from Current
Sense to Output
• 1.5% Tolerance Voltage Reference
DESCRIPTION
The UCC3810 is a high-speed BiCMOS integrated circuit which imple-
ments two synchronized pulse width modulators for use in off-line and
DC-to-DC power supplies.
The UCC3810 provides perfect synchronization between two PWMs by us-
ing the same oscillator. The oscillator’s sawtooth waveform can be used for
slope compensation if required.
Using a toggle flip flop to alternate between modulators, the UCC3810 en-
sures that one PWM will not slave, interfere, or otherwise affect the other
PWM. This toggle flip flop also ensures that each PWM will be limited to
50% maximum duty cycle, insuring adequate off-time to reset magnetic el-
ements.
This IC contains many of the same elements of the UC3842 current mode
controller family, combined with the enhancements of the UCC3802. This
minimizes power supply parts count. Enhancements include leading edge
blanking of the current sense signals, full cycle fault restart, CMOS output
drivers, and outputs which remain low even when the supply voltage is re-
moved.
Dual Channel Synchronized Current Mode PWM
BLOCK DIAGRAM
UDG-92062-1


Similar Part No. - UCC2810

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2810 TI-UCC2810 Datasheet
518Kb / 14P
DUAL CHANNEL SYNCHRONIZED CURRENT-MODE PWM
UCC2810 TI1-UCC2810 Datasheet
357Kb / 12P
DUAL CHANNEL SYNCHRONIZED CURRENT-MODE PWM
UCC2810 TI2-UCC2810 Datasheet
297Kb / 13P
DUAL CHANNEL SYNCHRONIZED CURRENT-MODE PWM
REVISED FEBRUARY 2007
UCC2810DW TI-UCC2810DW Datasheet
518Kb / 14P
DUAL CHANNEL SYNCHRONIZED CURRENT-MODE PWM
UCC2810DW TI2-UCC2810DW Datasheet
297Kb / 13P
DUAL CHANNEL SYNCHRONIZED CURRENT-MODE PWM
REVISED FEBRUARY 2007
More results

Similar Description - UCC2810

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC44605 ONSEMI-MC44605 Datasheet
328Kb / 20P
High Safety, Latched Mode, GreenLine PWM Controller for (Multi)Synchronized Applications
May, 2000 ??Rev. 2
logo
Texas Instruments
UCC1806 TI-UCC1806 Datasheet
119Kb / 7P
Low Power, Dual Output, Current Mode PWM Controller
UCC2806 TI-UCC2806 Datasheet
726Kb / 21P
LOW-POWER, DUAL-OUTPUT, CURRENT-MODE PWM CONTROLLER
UCC2810 TI-UCC2810 Datasheet
518Kb / 14P
DUAL CHANNEL SYNCHRONIZED CURRENT-MODE PWM
logo
ON Semiconductor
MC44605 ONSEMI-MC44605_06 Datasheet
182Kb / 20P
High Safety, Latched Mode, GreenLine TM PWM Controller for (Multi) Synchronized Applications
June, 2006 ??Rev. 5
NCP1253 ONSEMI-NCP1253_12 Datasheet
308Kb / 15P
Current-Mode PWM Current-Mode PWM Power Supplies
January, 2012 ??Rev. 0
logo
Texas Instruments
UCC1806 TI1-UCC1806_13 Datasheet
1Mb / 32P
LOW-POWER, DUAL-OUTPUT, CURRENT-MODE PWM CONTROLLER
UCC2810 TI1-UCC2810_10 Datasheet
357Kb / 12P
DUAL CHANNEL SYNCHRONIZED CURRENT-MODE PWM
UCC3810-DIE TI-UCC3810-DIE_15 Datasheet
124Kb / 5P
DUAL CHANNEL SYNCHRONIZED CURRENT-MODE PWM
UCC1806 TI1-UCC1806_16 Datasheet
1Mb / 33P
LOW-POWER, DUAL-OUTPUT, CURRENT-MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com