Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3598 Datasheet(PDF) 13 Page - Linear Technology

Part # LT3598
Description  6-String 30mA LED Driver with 1.5% Current Matching
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3598 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3598 Datasheet HTML 9Page - Linear Technology LT3598 Datasheet HTML 10Page - Linear Technology LT3598 Datasheet HTML 11Page - Linear Technology LT3598 Datasheet HTML 12Page - Linear Technology LT3598 Datasheet HTML 13Page - Linear Technology LT3598 Datasheet HTML 14Page - Linear Technology LT3598 Datasheet HTML 15Page - Linear Technology LT3598 Datasheet HTML 16Page - Linear Technology LT3598 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LT3598
13
3598fa
LED Current Derating Using the CTRL Pin
A useful feature of the LT3598 is its ability to program a
derating curve for maximum LED current versus tempera-
ture. LED data sheets provide curves of maximum-allowable
LED current versus temperature to warn against exceed-
ing this current limit and damaging the LED. The LT3598
allows the output LEDs to be programmed for maximum
allowable current while still protecting the LEDs from
excessive currents at high temperature. This is achieved
by programming a voltage at the CTRL pin with a nega-
tive temperature coefficient using a resistor divider with
temperature dependent resistance (Figure 7). As ambient
temperature increases, the CTRL voltage will fall below the
internal 1V voltage reference, causing LED currents to be
controlled by the CTRL pin voltage. The LED current curve
breakpoint and slope versus temperature is defined by the
choice of resistor ratios and use of temperature-dependent
resistance in the divider for the CTRL pin.
Table 5 shows a list of manufacturers/distributors of
NTC resistors. There are several other manufacturers
available and the chosen supplier should be contacted
for more detailed information. If an NTC resistor is used
to indicate LED temperature, it is effective only if the
resistor is connected as closely as possible to the LED
strings. LED derating curves shown by manufacturers are
listed for ambient temperature. The NTC resistor should
have the same ambient temperature as the LEDs. Since
the temperature dependency of an NTC resistor can be
nonlinear over a wide range of temperatures, it is important
to obtain a resistor’s exact value over temperature from
APPLICATIONS INFORMATION
the manufacturer. Hand calculations of CTRL voltage can
then be performed at each given temperature, resulting
in the CTRL versus temperature plotted curve. Several
iterations of resistor value calculations may be required
to achieve the desired breakpoint and slope of the LED
current derating curve.
Table 5. NTC Resistor Manufacturers/Distributors
Murata Electronics North America
770-436-1300
www.murata.com
TDK Corporation
516-535-2600
www.tdk.com
Digi-Key
800-344-4539
www.digikey.com
If calculating the CTRL voltage at various temperatures
gives a downward slope that is too strong, alternative
resistor networks can be chosen (B, C, D in Figure 7)
which use temperature independent resistance to reduce
the effects of the NTC resistor overtemperature.
Murata Electronics provides a selection of NTC resistors
with complete data over a wide range of temperatures.
In addition, a software tool is available which allows the
user to select from different resistor networks and NTC
resistor values, and then simulate the exact output volt-
age curve (CTRL behavior) overtemperature. Referred
to as the “Murata Chip NTC Thermistor Output Voltage
Simulator,” users can log onto www.murata.com and
download the software followed by instructions for creat-
ing an output voltage VOUT (CTRL) from a specified VCC
supply (VREF).
Figure 7 . LED Current Derating vs Temperature Using NTC Resistor
3598 F07
RY
RY
RX
RX
RNTC
RNTC
RNTC
RNTC
D
C
B
A
LT3598
VREF
CTRL
R2
R1
(OPTION A TO D)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com