Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3598 Datasheet(PDF) 21 Page - Linear Technology

Part # LT3598
Description  6-String 30mA LED Driver with 1.5% Current Matching
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3598 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT3598 Datasheet HTML 16Page - Linear Technology LT3598 Datasheet HTML 17Page - Linear Technology LT3598 Datasheet HTML 18Page - Linear Technology LT3598 Datasheet HTML 19Page - Linear Technology LT3598 Datasheet HTML 20Page - Linear Technology LT3598 Datasheet HTML 21Page - Linear Technology LT3598 Datasheet HTML 22Page - Linear Technology LT3598 Datasheet HTML 23Page - Linear Technology LT3598 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LT3598
21
3598fa
PWM
5V/DIV
IL
500mA/DIV
ILED, total
50mA/DIV
3598 TA06
PVIN = VIN = 5V
5μs/DIV
TYPICAL APPLICATIONS
1 MHz LED Driver for 36 White LEDs
PWM Dimming (20μS Pulse Width)
L1
10μH
D1
C2
4.7μF
2
3598 TA07
LT3598
VO_SW
FB
OPENLED
PWM
SHDN
SYNC
LED1
LED2
LED3
LED4
LED5
LED6
VOUT
SW
VIN
R4
2.4M
R5
76.8k
R3
11.5k
C1: MURATA GRM21BR71A225K
C2: MURATA GRM32ER71H475K
D1: DIODES, INC. SBR140S3
L1: VISHAY IHLP-2525BD-01
R9
10k
R6
100k
PWM
SHDN
SYNC
C1
2.2μF
VIN
5V
C3
1μF
RC
3k
CC
10nF
RT
CTRL
VREF
VC
SS
GND
TSET ISET
C4
0.1μF
C5
47pF
C6
100pF
R1
53.6k
R8
107k
25mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com