Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY2305SC-1HT Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # CY2305SC-1HT
Description  Low Cost 3.3V Zero Delay Buffer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2305SC-1HT Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button CY2305SC-1HT Datasheet HTML 7Page - Cypress Semiconductor CY2305SC-1HT Datasheet HTML 8Page - Cypress Semiconductor CY2305SC-1HT Datasheet HTML 9Page - Cypress Semiconductor CY2305SC-1HT Datasheet HTML 10Page - Cypress Semiconductor CY2305SC-1HT Datasheet HTML 11Page - Cypress Semiconductor CY2305SC-1HT Datasheet HTML 12Page - Cypress Semiconductor CY2305SC-1HT Datasheet HTML 13Page - Cypress Semiconductor CY2305SC-1HT Datasheet HTML 14Page - Cypress Semiconductor CY2305SC-1HT Datasheet HTML 15Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
CY2305, CY2309
Document #: 38-07140 Rev. *J
Page 13 of 15
Package Drawing and Dimensions (continued)
4.90[0.193]
1.10[0.043] MAX.
0.65[0.025]
0.20[0.008]
0.05[0.002]
16
PIN1ID
6.50[0.256]
SEATING
PLANE
1
0.076[0.003]
6.25[0.246]
4.50[0.177]
4.30[0.169]
BSC.
5.10[0.200]
0.15[0.006]
0.19[0.007]
0.30[0.012]
0.09[[0.003]
BSC
0.25[0.010]
0°-8°
0.70[0.027]
0.50[0.020]
0.95[0.037]
0.85[0.033]
PLANE
GAUGE
DIMENSIONS IN MM[INCHES] MIN.
MAX.
REFERENCE JEDEC MO-153
PACKAGE WEIGHT 0.05gms
51-85091-*A
Figure 10. 16-Pin TSSOP 4.40 MM Body Z16.173
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com