Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY2305SC-1HT Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY2305SC-1HT
Description  Low Cost 3.3V Zero Delay Buffer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2305SC-1HT Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY2305SC-1HT Datasheet HTML 1Page - Cypress Semiconductor CY2305SC-1HT Datasheet HTML 2Page - Cypress Semiconductor CY2305SC-1HT Datasheet HTML 3Page - Cypress Semiconductor CY2305SC-1HT Datasheet HTML 4Page - Cypress Semiconductor CY2305SC-1HT Datasheet HTML 5Page - Cypress Semiconductor CY2305SC-1HT Datasheet HTML 6Page - Cypress Semiconductor CY2305SC-1HT Datasheet HTML 7Page - Cypress Semiconductor CY2305SC-1HT Datasheet HTML 8Page - Cypress Semiconductor CY2305SC-1HT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
CY2305, CY2309
Document #: 38-07140 Rev. *J
Page 2 of 15
Pinouts
Figure 1. Pin Diagram - CY2305
Figure 2. Pin Diagram - CY2309
Table 1. Pin Description for CY2305
Pin
Signal
Description
1
REF[1]
Input reference frequency, 5V tolerant input
2
CLK2[2]
Buffered clock output
3
CLK1[2]
Buffered clock output
4
GND
Ground
5
CLK3[2]
Buffered clock output
6VDD
3.3V supply
7
CLK4[2]
Buffered clock output
8
CLKOUT[2]
Buffered clock output, internal feedback on this pin
Table 2. Pin Description for CY2309
Pin
Signal
Description
1
REF[1]
Input reference frequency, 5V tolerant input
2
CLKA1[2]
Buffered clock output, Bank A
3
CLKA2[2]
Buffered clock output, Bank A
4VDD
3.3V supply
5
GND
Ground
6
CLKB1[2]
Buffered clock output, Bank B
7
CLKB2[2]
Buffered clock output, Bank B
8
S2[3]
Select input, bit 2
9
S1[3]
Select input, bit 1
10
CLKB3[2]
Buffered clock output, Bank B
11
CLKB4[2]
Buffered clock output, Bank B
12
GND
Ground
1
2
3
4
5
8
7
6
REF
CLK2
CLK1
GND
VDD
CLKOUT
CLK4
CLK3
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
REF
CLKA1
CLKA2
VDD
GND
CLKB1
CLKB2
S2
CLKOUT
CLKA4
CLKA3
VDD
GND
CLKB4
CLKB3
S1
Notes
1. Weak pull down.
2. Weak pull down on all outputs.
3. Weak pull ups on these inputs.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com