Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3754 Datasheet(PDF) 13 Page - Linear Technology

Part # LT3754
Description  16-Channel 횞 50mA LED Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3754 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3754 Datasheet HTML 9Page - Linear Technology LT3754 Datasheet HTML 10Page - Linear Technology LT3754 Datasheet HTML 11Page - Linear Technology LT3754 Datasheet HTML 12Page - Linear Technology LT3754 Datasheet HTML 13Page - Linear Technology LT3754 Datasheet HTML 14Page - Linear Technology LT3754 Datasheet HTML 15Page - Linear Technology LT3754 Datasheet HTML 16Page - Linear Technology LT3754 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LT3754
13
3754f
In addition, the current drive required for GATE switching
should also be kept low in the case of high VIN voltages
(see “Thermal Considerations” in the Applications Informa-
tion section). The RDS(ON) of the MOSFET will determine
d.c. power losses but will usually be less significant
compared to switching losses. Be aware of the power
dissipation within the MOSFET by calculating d.c. and
switching losses and deciding if the thermal resistance
of the MOSFET package causes the junction temperature
to exceed maximum ratings.
Table 4. MOSFET Manufacturers
MANUFACTURER
PHONE NUMBER
WEB
Vishay Siliconix
402-563-6866
www.vishay.com
International Rectifier
310-252-7105
www.irf.com
Fairchild
972-910-8000
www.fairchildsemi.com
Power MOSFET: Current Sense Resistor
The LT3754 current mode boost converter controls peak
current in the inductor by controlling peak MOSFET current
in each switching cycle. The LT3754 monitors current in the
external N-channel power MOSFET by sensing the voltage
across a sense resistor (RS) connected between the source
of the FET and the power ground in the application. The
length of these tracks should be minimized and a Kelvin
sense should be taken from the top of RS to the sense
pin. A 52mV sense pin threshold combined with the value
of RS sets the maximum cycle-by-cycle peak MOSFET
current. The low 52mV threshold improves efficiency and
determines the value for RS given by:
APPLICATIONS INFORMATION
where
RS
mV
I
I
LPEAK
LPEAK
≤
=
−
52
0 7
1
1
•.
()
()
D
D
I
D
LEDx
⎛
⎝
⎜
⎞
⎠
⎟
⎛
⎝
⎜
⎞
⎠
⎟
+
⎛
⎝
⎜
⎞
⎠
⎟
=
••
•
.
16
1
05
2
MOS
SFET duty cycle
=
⎛
⎝
⎜⎜
⎞
⎠
⎟⎟
V
V
OUT MAX
IN MIN
()
()
,
V
o
OUT(MAX) =
()+
=
NV
V
N number
FMAX
•
()
1
ff LEDs in each string,
Vimum
FMAX
() max
=
L
LED forward voltage drop,
Vi
IN MIN
() min
=
m
mum input voltage to the inductor,
and the 0.5 term represents an inductor peak-to-peak ripple
current of 50% of average inductor current.
The scale factor of • 0.7 ensures the boost converter
can meet the peak inductor requirements of the loop by
accounting for the combined errors of the 50mV sense
threshold, ILEDx, RS and circuit efficiency.
Example: For a 12W LED driver application requiring 16
strings of 10 LEDs each driven with 20mA, and choosing
VIN(MIN) = 8V, VOUT(MAX) = (4V • 10)+1V = 41V and ILEDx
= 20mA, the value for RS is chosen as:
RS
mV
I
mV
LPEAK
≤≤
⎛
⎝
⎜
⎞
52
0 7
52
0 7
41
8
16 0 02
•.
•.
•• .
()
⎠⎠
⎟
+
()
≤≤
•.
•.
.
10 25
52
0 7
205
17.7 m
mV
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com