Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3754 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3754
Description  16-Channel 횞 50mA LED Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3754 Datasheet(HTML) 2 Page - Linear Technology

  LT3754 Datasheet HTML 1Page - Linear Technology LT3754 Datasheet HTML 2Page - Linear Technology LT3754 Datasheet HTML 3Page - Linear Technology LT3754 Datasheet HTML 4Page - Linear Technology LT3754 Datasheet HTML 5Page - Linear Technology LT3754 Datasheet HTML 6Page - Linear Technology LT3754 Datasheet HTML 7Page - Linear Technology LT3754 Datasheet HTML 8Page - Linear Technology LT3754 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LT3754
2
3754f
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VOUT, LED1-16 .........................................................60V
VIN, SHDN/UVLO, FAULT...........................................40V
INTVCC ......................................................................13V
INTVCC above VIN...................................................+0.3V
PWM, CTRL, SYNC .....................................................6V
VC ...............................................................................3V
VREF, RT, ISET, TSET, OVPSET.......................................2V
SENSE......................................................................0.4V
Operating Junction Temperature Range
(Notes 2,3)...........................................
−40 °C to 125 °C
Storage Temperature Range.................
−65 °C to 150 °C
(Note 1)
33
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
LED16
LED15
LED14
LED13
LED12
LED11
LED10
LED9
LED1
LED2
LED3
LED4
LED5
LED6
LED7
LED8
TOP VIEW
UH PACKAGE
32-LEAD (5mm
5mm) PLASTIC QFN
32 31 30 29 28 27 26 25
9 1011121314 15 16
TJMAX = 125°C, θJA = 34°C/W, θJC = 3°C/W
EXPOSED PAD (PIN 33) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3754EUH#PBF
LT3754EUH#TRPBF
3754
32-Lead (5mm
× 5mm) Plastic QFN
–40°C to 125°C
LT3754IUH#PBF
LT3754IUH#TRPBF
3754
32-Lead (5mm
× 5mm) Plastic QFN
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com