Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3554 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3554
Description  Micropower USB Power Manager with Li-Ion Charger and Two Step-Down Regulators
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3554 Datasheet(HTML) 2 Page - Linear Technology

  LTC3554 Datasheet HTML 1Page - Linear Technology LTC3554 Datasheet HTML 2Page - Linear Technology LTC3554 Datasheet HTML 3Page - Linear Technology LTC3554 Datasheet HTML 4Page - Linear Technology LTC3554 Datasheet HTML 5Page - Linear Technology LTC3554 Datasheet HTML 6Page - Linear Technology LTC3554 Datasheet HTML 7Page - Linear Technology LTC3554 Datasheet HTML 8Page - Linear Technology LTC3554 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
LTC3554
2
3554f
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VBUS, VOUT, BVIN
t < 1ms and Duty Cycle < 1% .................. –0.3V to 7V
Steady State............................................. –0.3V to 6V
BAT, NTC, CHRG, SUSP, PBSTAT,
ON, PGOOD, FB1, FB2.................................. –0.3V to 6V
PWR_ON1, PWR_ON2, STBY
HPWR, FSEL (Note 4) ......................–0.3V to VCC + 0.3V
IBAT .............................................................................1A
ISW1, ISW2 (Continuous).......................................300mA
ICHRG, IPGOOD, IPBSTAT ............................................75mA
Operating Temperature Range.................. –40°C to 85°C
Junction Temperature ........................................... 110°C
Storage Temperature Range................... –65°C to 125°C
(Notes 1, 2, 3)
ORDER INFORMATION
POWER MANAGER ELECTRICAL CHARACTERISTICS
The
l denotes specifications that apply over the full operating temperature range, otherwise specifications are at TA = 25°C,
VBUS = 5V, VBAT = 3.8V, HPWR = SUSP = PWR_ON1 = PWR_ON2 = 0V, RPROG = 1.87k, STBY = High, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
No-Load Quiescent Currents
IBATQ
Battery Drain Current
IOUT = 0 (Note 5)
VBUS = 0V (Hard Reset)
VBUS = 0V
VBUS = 0V, PWR_ON1 = PWR_ON2 = 3.8V
0.2
3
6.5
2
5
12
μA
μA
μA
IBATQC
Battery Drain Current, VBUS Available
VBAT = VFLOAT, Timer Timed Out
5
8
μA
IBUSQ
VBUS Input Current
100mA, 500mA Modes
SUSP = 5V (Suspend Mode)
300
15
500
30
μA
μA
IBVINQ
BVIN Input Current
Shutdown Input Current
One Buck Enabled, Standby Mode
Both Bucks Enabled, Standby Mode
One Buck Enabled
Both Bucks Enabled
VBVIN = 3.8V, VBUS = 0V (Note 8)
PWR_ON1 = STBY = 3.8V
PWR_ON1 = PWR_ON2 = STBY = 3.8V
PWR_ON1 = 3.8V, STBY = 0V
PWR_ON1 = PWR_ON2 = 3.8V, STBY = 0V
0.01
1.5
3
18
36
1
3
6
35
70
μA
μA
μA
μA
μA
Input Power Supply
VBUS
Input Supply Voltage
4.35
5.5
V
IBUS(LIM)
Total Input Current
HPWR = 0V (100mA)
HPWR = 5V (500mA)
l
l
80
400
90
450
100
500
mA
mA
20 19 18 17 16
7
8
TOP VIEW
21
PD PACKAGE
20-LEAD (3mm × 3mm) PLASTIC UTQFN
9 10
HPWR
FSEL
PBSTAT
PGOOD
ON
NTC
CHRG
SW1
BVIN
SW2
12
11
13
14
15
4
5
3
2
1
6
TJMAX = 110°C, θJA = 70°C/W
EXPOSED PAD (PIN 21) IS GND, AND MUST BE SOLDERED TO PCB GND
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3554EPD#PBF
LTC3554EPD#TRPBF
FDPT
20-Lead (3mm × 3mm) Plastic UTQFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com