Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3554 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3554
Description  Micropower USB Power Manager with Li-Ion Charger and Two Step-Down Regulators
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3554 Datasheet(HTML) 4 Page - Linear Technology

  LTC3554 Datasheet HTML 1Page - Linear Technology LTC3554 Datasheet HTML 2Page - Linear Technology LTC3554 Datasheet HTML 3Page - Linear Technology LTC3554 Datasheet HTML 4Page - Linear Technology LTC3554 Datasheet HTML 5Page - Linear Technology LTC3554 Datasheet HTML 6Page - Linear Technology LTC3554 Datasheet HTML 7Page - Linear Technology LTC3554 Datasheet HTML 8Page - Linear Technology LTC3554 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
LTC3554
4
3554f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
BVIN
Input Supply Voltage
(Note 9)
l
2.7
5.5
V
VOUT UVLO
VOUT Falling
VOUT Rising
BVIN Connected to VOUT Through Low
Impedance. VOUT UVLO Disables the
Switching Regulators.
2.5
2.6
2.8
2.9
V
V
fOSC
Oscillator Frequency
FSEL High
FSEL Low
1.91
0.955
2.25
1.125
2.59
1.295
MHz
MHz
IFB1
IFB2
FB1 Input Current (Note 8)
FB2 Input Current (Note 8)
–0.05
–0.05
0.05
0.05
μA
μA
RSW1_PD
RSW2_PD
SW1 Pull-Down in Shutdown
SW2 Pull-Down in Shutdown
PWR_ON1 = 0V
PWR_ON2 = 0V
10
10
kΩ
kΩ
Logic Input Pins (FSEL, STBY)
Input High Voltage
1.2
V
Input Low Voltage
0.4
V
Input Current
–1
1
μA
Switching Regulator 1 in Normal Operation (STBY Low)
ILIM1
Peak PMOS Current Limit
PWR_ON1 = 3.8V (Note 7)
300
450
600
mA
VFB1
Regulated Feedback Voltage
PWR_ON1 = 3.8V
l
780
800
820
mV
D1
Max Duty Cycle
100
%
RP1
RDS(ON) of PMOS
ISW1 = 100mA
1.1
Ω
RN1
RDS(ON) of NMOS
ISW1 = –100mA
0.7
Ω
Switching Regulator 1 in Standby Mode (STBY High)
VFB1_LOW
Feedback Voltage Threshold
PWR_ON1 = 3.8V, VFB1 Falling
l
770
800
820
mV
ISHORT1_SB
Short-Circuit Current
10
21
50
mA
VDROP1_SB
Standby Mode Dropout Voltage
PWR_ON1 = 2.9V, ISW1 = 5mA, VFB1 = 0.77V,
VOUT = 2.9V, BVIN = 2.9V
25
60
mV
Switching Regulator 2 in Normal Operation (STBY Low)
ILIM2
Peak PMOS Current Limit
PWR_ON2 = 3.8V (Note 7)
300
450
600
mA
VFB2
Regulated Feedback Voltage
PWR_ON2 = 3.8V
l
780
800
820
mV
D2
Max Duty Cycle
100
%
RP2
RDS(ON) of PMOS
ISW2 = 100mA
1.1
Ω
RN2
RDS(ON) of NMOS
ISW2 = –100mA
0.7
Ω
Switching Regulator 2 in Standby Mode (STBY High)
VFB2_LOW
Feedback Voltage Threshold
PWR_ON2 = 3.8V, VFB2 Falling
l
770
800
820
mV
ISHORT2_SB
Short-Circuit Current
10
21
50
mA
VDROP2_SB
Standby Mode Dropout Voltage
PWR_ON2 = 2.9V, ISW2 = 5mA, VFB2 = 0.77V,
VOUT = 2.9V, BVIN = 2.9V
25
60
mV
SWITCHING REGULATOR ELECTRICAL CHARACTERISTICS
The
l denotes specifications that apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
VOUT = BVIN = 3.8V, PWR_ON1 = PWR_ON2 = 0V, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com