Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK12C68 Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # STK12C68
Description  64 Kbit (8K x 8) AutoStore nvSRAM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK12C68 Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button STK12C68 Datasheet HTML 9Page - Cypress Semiconductor STK12C68 Datasheet HTML 10Page - Cypress Semiconductor STK12C68 Datasheet HTML 11Page - Cypress Semiconductor STK12C68 Datasheet HTML 12Page - Cypress Semiconductor STK12C68 Datasheet HTML 13Page - Cypress Semiconductor STK12C68 Datasheet HTML 14Page - Cypress Semiconductor STK12C68 Datasheet HTML 15Page - Cypress Semiconductor STK12C68 Datasheet HTML 16Page - Cypress Semiconductor STK12C68 Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
STK12C68
Document Number: 001-51027 Rev. **
Page 13 of 20
Hardware STORE Cycle
Parameter
Alt
Description
STK12C68
Unit
Min
Max
tSTORE
[9, 14]
tHLHZ
STORE Cycle Duration
10
ms
tDHSB
[14, 19]
tRECOVER, tHHQX Hardware STORE High to Inhibit Off
700
ns
tPHSB
tHLHX
Hardware STORE Pulse Width
15
ns
tHLBL
Hardware STORE Low to STORE Busy
300
ns
Switching Waveform
Figure 13. Hardware STORE Cycle
Note
19. tDHSB is only applicable after tSTORE is complete.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com