Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK12C68 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # STK12C68
Description  64 Kbit (8K x 8) AutoStore nvSRAM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK12C68 Datasheet(HTML) 2 Page - Cypress Semiconductor

  STK12C68 Datasheet HTML 1Page - Cypress Semiconductor STK12C68 Datasheet HTML 2Page - Cypress Semiconductor STK12C68 Datasheet HTML 3Page - Cypress Semiconductor STK12C68 Datasheet HTML 4Page - Cypress Semiconductor STK12C68 Datasheet HTML 5Page - Cypress Semiconductor STK12C68 Datasheet HTML 6Page - Cypress Semiconductor STK12C68 Datasheet HTML 7Page - Cypress Semiconductor STK12C68 Datasheet HTML 8Page - Cypress Semiconductor STK12C68 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
STK12C68
Document Number: 001-51027 Rev. **
Page 2 of 20
Pin Configurations
Pin Definitions
Pin Name
Alt
IO Type
Description
A0–A12
Input
Address Inputs. Used to select one of the 8,192 bytes of the nvSRAM.
DQ0-DQ7
Input or Output Bidirectional Data IO Lines. Used as input or output lines depending on operation.
WE
W
Input
Write Enable Input, Active LOW. When the chip is enabled and WE is LOW, data on the IO
pins is written to the specific address location.
CE
E
Input
Chip Enable Input, Active LOW. When LOW, selects the chip. When HIGH, deselects the chip.
OE
G
Input
Output Enable, Active LOW. The active LOW OE input enables the data output buffers during
read cycles. Deasserting OE HIGH causes the IO pins to tri-state.
VSS
Ground
Ground for the Device. The device is connected to ground of the system.
VCC
Power Supply
Power Supply Inputs to the Device.
HSB
Input or Output Hardware Store Busy (HSB). When LOW, this output indicates a Hardware Store is in progress.
When pulled low external to the chip, it initiates a nonvolatile STORE operation. A weak internal
pull up resistor keeps this pin high if not connected (connection optional).
VCAP
Power Supply
AutoStore Capacitor. Supplies power to nvSRAM during power loss to store data from SRAM
to nonvolatile elements.
Figure 1. 28-Pin SOIC/DIP and LLC
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com