Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS-X50375G-C1-R0 Datasheet(PDF) 1 Page - Advanced Thermal Solutions, Inc.

Part # ATS-X50375G-C1-R0
Description  High Performance BGA Cooling
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATS [Advanced Thermal Solutions, Inc.]
Direct Link  http://www.qats.com
Logo ATS - Advanced Thermal Solutions, Inc.

ATS-X50375G-C1-R0 Datasheet(HTML) 1 Page - Advanced Thermal Solutions, Inc.

  ATS-X50375G-C1-R0 Datasheet HTML 1Page - Advanced Thermal Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Details
LENGTH
WIDTH
HEIGHT
FIN TIP to FIN TIP
INTERFACE MATERIAL
FINISH
Notes:
Length and width dimensions refer to the size of the component. Dimensions of the heat
sink are subject to tolerances of up to .99 mm in order to accommodate the clip assembly
Thermal performance data are provided for reference only. Actual performance may vary
by application
ATS reserves the right to update or change its products without notice to improve the
design or performance
Additional tooling fees may be required
Typical lead time is a minimum of 4-6 weeks
Contact ATS to learn about custom options available
1)
2)
3)
4)
5)
6)
thermal Performance
For more information, to find a distributor or to place an order, visit www.qats.com or
call: 781.769.2800 (North America); +31 (0) 3569 84715 (Europe).
ATS PART # ATS-X50375G-C1-R0
Features & Benefits
High Performance BGA Cooling
Solutions w/ superGRIP™ Attachment
REV0_042109
AIR VELoCITy
THERMAL RESISTANCE
FT/MIN
M/S
°C/W (UNDUCTED FLOW)
°C/W (DUCTED FLOW)
200
1.0
300
1.5
400
2.0
500
2.5
600
3.0
700
3.5
800
4.0
2.8
2.2
1.9
1.7
1.5
1.4
1.3
2.1
37.5 mm
37.5 mm
12.5 mm
61.3 mm
BLUE-ANODIZED
ChOMErICS T766
Designed for 37.5 x 37.5 mm BGA components
requires minimal space around the component’s
perimeter; ideal for densely populated PCBs
Allows the heat sink to be detached and reattached
without damaging the component or the PCB, an important
feature in the event a PCB may need to be reworked
Strong, uniform attachment force helps achieve maximum
performance from phase-changing TIMs
Eliminates the need to drill mounting holes in the PCB
Assembly comes standard with a high performance
maxiFLOW™ heat sink which maximizes convection (air)
cooling
Comes standard with clean break, reworkable, Chomerics
T-766 phase change material
»
»
»
»
»
»
»
*Image above is for illustration purposes only.
FT
H
L
W


Similar Part No. - ATS-X50375G-C1-R0

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS-X50375B-C1-R0 ATS-ATS-X50375B-C1-R0 Datasheet
327Kb / 1P
37.50 x 37.50 x 7.50 mm BGA Heat Sink - High Performance maxiFLOW/superGRIP
Rev - 040517
ATS-X50375P-C1-R0 ATS-ATS-X50375P-C1-R0 Datasheet
666Kb / 1P
High Performance BGA Cooling
REV0_042109
More results

Similar Description - ATS-X50375G-C1-R0

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS-53190K-C2-R0 ATS-ATS-53190K-C2-R0 Datasheet
293Kb / 1P
High Performance BGA Cooling
REV1_0908
ATS-53250D-C2-R0 ATS-ATS-53250D-C2-R0 Datasheet
288Kb / 1P
High Performance BGA Cooling
REV1_0908
ATS-53270K-C2-R0 ATS-ATS-53270K-C2-R0 Datasheet
294Kb / 1P
High Performance BGA Cooling
REV1_0908
ATS-53325K-C2-R0 ATS-ATS-53325K-C2-R0 Datasheet
296Kb / 1P
High Performance BGA Cooling
REV1_0908
ATS-54150D-C2-R0 ATS-ATS-54150D-C2-R0 Datasheet
274Kb / 1P
High Performance BGA Cooling
REV1_0908
ATS-54150W-C2-R0 ATS-ATS-54150W-C2-R0 Datasheet
291Kb / 1P
High Performance BGA Cooling
REV1_0908
ATS-54170D-C2-R0 ATS-ATS-54170D-C2-R0 Datasheet
274Kb / 1P
High Performance BGA Cooling
REV1_0908
ATS-54170W-C2-R0 ATS-ATS-54170W-C2-R0 Datasheet
292Kb / 1P
High Performance BGA Cooling
REV1_0908
ATS-54190W-C2-R0 ATS-ATS-54190W-C2-R0 Datasheet
292Kb / 1P
High Performance BGA Cooling
REV1_0908
ATS-54210K-C2-R0 ATS-ATS-54210K-C2-R0 Datasheet
280Kb / 1P
High Performance BGA Cooling
REV1_0908
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com