Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4012 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC4012
Description  High Effi ciency, Multi-Chemistry Battery Charger with PowerPath Control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4012 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC4012 Datasheet HTML 10Page - Linear Technology LTC4012 Datasheet HTML 11Page - Linear Technology LTC4012 Datasheet HTML 12Page - Linear Technology LTC4012 Datasheet HTML 13Page - Linear Technology LTC4012 Datasheet HTML 14Page - Linear Technology LTC4012 Datasheet HTML 15Page - Linear Technology LTC4012 Datasheet HTML 16Page - Linear Technology LTC4012 Datasheet HTML 17Page - Linear Technology LTC4012 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
LTC4012/
LTC4012-1/LTC4012-2
14
4012f
Adapter Input Current Limit
The LTC4012 can monitor and limit current from the input
DC supply, which is normally an AC adapter. When the
programmed adapter input current is reached, charge
current is reduced to maintain the desired maximum input
current. The ITH and PROG pins will reflect the reduced
charge current. This limit function avoids overloading the
DC input source, allowing the product to operate at the
same time the battery is charging without complex load
management algorithms. The battery will automatically be
charged at the maximum possible rate that the adapter will
support, given the application’s operating condition. The
LTC4012 can only limit input current by reducing charge
current, and in this case the charger uses nonsynchronous
PWM operation to prevent boosting if the average
charge current falls below about 25% of the maximum
programmed current. Note that the ICL indicator output
becomes active (low) at an adapter input current level just
slightly less than that required for the internal amplifier to
begin to assert control over the PWM loop.
Charger Status Indicator Outputs
The LTC4012 open-drain indicator outputs provide valuable
information about the IC’s operating state and can be
used for a variety of purposes in applications. Table 1
summarizes the state of the three indicator outputs as a
function of LTC4012 operation.
OPERATION
Table 1. LTC4012 Open-Drain Indicator Outputs
ACP
CHRG
ICL
CHARGER STATE
Off
Off
Off
No DC Input (Shutdown)
On
Off
Off
Shutdown or Reverse Current
On
On
Off
Bulk Charge
On
25μA
Off
Low Current Charge or Initial
DCIN – BAT <500mV
On
On
On
Input Current Limit During Bulk
Charge
On
25μA
On
Input Current Limit During Low
Current Charge
Off
On or
25μA
On or
Off
Indicated Charge with DCIN - BAT
< 300mV. Bulk charge may be less
than programmed value.
PWM Controller
The LTC4012 uses a synchronous step-down architecture
to produce high operating efficiency. The nominal operating
frequency of 550kHz allows use of small filter components.
The following conceptual discussion of basic PWM
operation references Figure 1.
The voltage across the external charge current sense
resistor RSENSE is measured by current amplifier CA. This
instantaneous current (VSENSE/RIN) is fed to the PROG
pin where it is averaged by an external capacitor and
converted to a voltage by the programming resistor RPROG
between PROG and GND. The PROG voltage becomes
the average charge current input signal to error amplifier
EA. EA also receives loop control information from the
battery voltage feedback input VFB and the adapter input
current limit circuit.
Figure 2. PWM Waveforms
ON
OFF
OFF
INDUCTOR
CURRENT
TOP FET
BOTTOM FET
ON
tOFF
THRESHOLD
SET BY ITH
VOLTAGE
4012 F02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com