Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4012 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC4012
Description  High Effi ciency, Multi-Chemistry Battery Charger with PowerPath Control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4012 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC4012 Datasheet HTML 14Page - Linear Technology LTC4012 Datasheet HTML 15Page - Linear Technology LTC4012 Datasheet HTML 16Page - Linear Technology LTC4012 Datasheet HTML 17Page - Linear Technology LTC4012 Datasheet HTML 18Page - Linear Technology LTC4012 Datasheet HTML 19Page - Linear Technology LTC4012 Datasheet HTML 20Page - Linear Technology LTC4012 Datasheet HTML 21Page - Linear Technology LTC4012 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
LTC4012/
LTC4012-1/LTC4012-2
18
4012f
APPLICATIONS INFORMATION
Programming LTC4012-1/LTC4012-2 Output Voltage
The LTC4012-1/LTC4012-2 feature precision internal bat-
tery voltage feedback resistor taps configured for common
lithium-ion voltages. All that is required to program the
desired voltage is proper pin programming of FVS0 and
FVS1 as shown in Table 3.
Table 3. LTC4012-1/LTC4012-2 Output Voltage Programming
VBAT VOLTAGE
LTC4012-1
LTC4012-2
FVS1
FVS0
4.1V
4.2V
GND
GND
8.2V
8.4V
GND
INTVDD
12.3V
12.6V
INTVDD
GND
16.4V
16.8V
INTVDD
INTVDD
Programming Input Current Limit
To set the input current limit ILIM, the minimum wall
adapter current rating must be known. To account for the
tolerance of the LTC4012 input current sense circuit, 5%
should be subtracted from the adapter’s minimum rated
output. Refer to Figure 6 and program the input current
limit function with the following equation.
R
mV
I
CL
LIM
=
100
where ILIM is the desired maximum current draw from
theDC(adapter)input,includingadjustmentsfortolerance,
if any.
Figure 6. Programming Input Current Limit
2
1
RCL
CDC
CF 0.1μF
CLP
LTC4012
CLN
RF
5.1k
4012 F06
10k
FROM DC
POWER
INPUT
TO
REMAINDER
OF SYSTEM
3 INFET
2
1
CLP
CLN
17
INTVDD
LTC4012
RCL
1%
R3 = R1
1%
R1
1%
Q2
2SC2412
RF
2.49k 1%
R2
Q1
IMX1
4012 F07
CF
0.22μF
TO REMAINDER
OF SYSTEM
FROM INFET
Figure 7. Adjusting Input Current Limit
Often an AC adapter will include a rated current output
margin of at least +10%. This can allow the adapter cur-
rent limit value to simply be programmed to the actual
minimum rated adapter output current. Table 4 shows
some common RCL current limit programming values.
A lowpass filter formed by RF (5.1k) and CF (0.1μF) is
required to eliminate switching noise from the LTC4012
PWM and other system components. If input current limit-
ing is not desired, CLN should be shorted to CLP while
CLP remains connected to power.
Table 4. Common RCL Values
ADAPTER
RATING
(A)
RCL VALUE (1%)
(Ω)
RCL POWER
DISSIPATION
(W)
RCL POWER
RATING
(W)
1.00
0.100
0.100
0.25
1.25
0.080
0.125
0.25
1.50
0.068
0.150
0.25
1.75
0.056
0.175
0.25
2.00
0.050
0.200
0.25
2.50
0.039
0.244
0.50
3.00
0.033
0.297
0.50
3.50
0.027
0.331
0.50
4.00
0.025
0.400
0.50
Figure 7 shows an optional circuit that can influence
the parameters of the input current limit in two ways.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com