Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4609 Datasheet(PDF) 13 Page - Linear Technology

Part # LTM4609
Description  36VIN, 34VOUT High Effi ciency Buck-Boost DC/DC 關Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4609 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTM4609 Datasheet HTML 9Page - Linear Technology LTM4609 Datasheet HTML 10Page - Linear Technology LTM4609 Datasheet HTML 11Page - Linear Technology LTM4609 Datasheet HTML 12Page - Linear Technology LTM4609 Datasheet HTML 13Page - Linear Technology LTM4609 Datasheet HTML 14Page - Linear Technology LTM4609 Datasheet HTML 15Page - Linear Technology LTM4609 Datasheet HTML 16Page - Linear Technology LTM4609 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LTM4609
13
4609fa
APPLICATIONS INFORMATION
pin voltage <1.6V). In this mode, the onboard 6V linear
regulator can provide power to keep-alive functions such
as a keyboard controller.
INTVCC and EXTVCC
An internal P-channel low dropout regulator produces 6V
at the INTVCC pin from the VIN supply pin. INTVCC powers
the control chip and internal circuitry within the module.
The LTM4609 also provides the external supply voltage pin
EXTVCC. When the voltage applied to EXTVCC rises above
5.7V, the internal regulator is turned off and an internal
switch connects the EXTVCC pin to the INTVCC pin thereby
supplying internal power. The switch remains close as long
as the voltage applied to EXTVCC remains above 5.5V. This
allows the MOSFET driver and control power to be derived
from the output when (5.7V < VOUT < 7V) and from the
internal regulator when the output is out of regulation (start-
up, short-circuit). If more current is required through the
EXTVCC switch than is specified, an external Schottky diode
can be interposed between the EXTVCC and INTVCC pins.
Ensure that EXTVCC ≤ VIN.
The following list summarizes the three possible connec-
tions for EXTVCC:
1. EXTVCC left open (or grounded). This will cause INTVCC
to be powered from the internal 6V regulator at the cost
of a small efficiency penalty.
2. EXTVCC connected directly to VOUT (5.7V < VOUT < 7V).
This is the normal connection for a 6V regulator and
provides the highest efficiency.
3. EXTVCC connected to an external supply. If an external
supply is available in the 5.5V to 7V range, it may be
used to power EXTVCC provided it is compatible with
the MOSFET gate drive requirements.
Thermal Considerations and Output Current Derating
In different applications, LTM4609 operates in a variety
of thermal environments. The maximum output current is
limited by the environmental thermal condition. Sufficient
cooling should be provided to ensure reliable operation.
When the cooling is limited, proper output current de-
rating is necessary, considering ambient temperature,
airflow, input/output condition, and the need for increased
reliability.
The power loss curves in Figures 5 and 6 can be used
in coordination with the load current derating curves in
Figures 7 to 14 for calculating an approximate
θJA for
the module. Column designation delineates between no
heat sink, and a BGA heat sink. Each of the load current
derating curves will lower the maximum load current as
a function of the increased ambient temperature to keep
the maximum junction temperature of the power module
at 115°C allowing a safe margin for the maximum operat-
ing temperature below 125°C. Each of the derating curves
and the power loss curve that corresponds to the correct
output voltage can be used to solve for the approximate
θJAofthecondition.Acompleteexplanationofthethermal
characteristics is provided in the thermal application note
for the LTM4609.
DESIGN EXAMPLES
Buck Mode Operation
As a design example, use input voltage VIN = 12V to 36V,
VOUT = 12V and ƒ = 400kHz.
Set the PLLFLTR pin at 2.4V or more for 400kHz frequency
and connect FCB to ground for continuous current mode
operation. If a divider is used to set the frequency as shown
in Figure 16, the bottom resistor R3 is recommended not
to exceed 1kΩ.
To set the output voltage at 12V, the resistor RFB from VFB
pin to ground should be chosen as:
RFB =
0.8V •100k
VOUT − 0.8V
≈ 7.15k
To choose a proper inductor, we need to know the current
ripple at different input voltages. The inductor should be
chosen by considering the worst case in the practical
operating region. If the maximum output power P is 120W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com