Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4609 Datasheet(PDF) 18 Page - Linear Technology

Part # LTM4609
Description  36VIN, 34VOUT High Effi ciency Buck-Boost DC/DC 關Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4609 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTM4609 Datasheet HTML 14Page - Linear Technology LTM4609 Datasheet HTML 15Page - Linear Technology LTM4609 Datasheet HTML 16Page - Linear Technology LTM4609 Datasheet HTML 17Page - Linear Technology LTM4609 Datasheet HTML 18Page - Linear Technology LTM4609 Datasheet HTML 19Page - Linear Technology LTM4609 Datasheet HTML 20Page - Linear Technology LTM4609 Datasheet HTML 21Page - Linear Technology LTM4609 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
LTM4609
18
4609fa
TYPICAL APPLICATIONS
Figure 9. 5VIN to 30VOUT without Heat Sink
Figure 10. 5VIN to 30VOUT with Heat Sink
Figure 11. 32VIN to 12VOUT without Heat Sink
Figure 12. 32VIN to 12VOUT with Heat Sink
Figure 7. 5VIN to 16VOUT without Heat Sink
Figure 8. 5VIN to 16VOUT with Heat Sink
AMBIENT TEMPERATURE (°C)
25
0
0.5
1.5
2.0
2.5
3.0
35 45 55 65 75 85
4609 F07
1.0
95 105 115
5VIN TO 16VOUT WITH 0LFM
5VIN TO 16VOUT WITH 200LFM
5VIN TO 16VOUT WITH 400LFM
AMBIENT TEMPERATURE (°C)
25
0
0.5
1.5
2.0
2.5
3.0
45
65
85
4609 F08
1.0
105
125
5VIN TO 16VOUT WITH 0LFM
5VIN TO 16VOUT WITH 200LFM
5VIN TO 16VOUT WITH 400LFM
AMBIENT TEMPERATURE (°C)
0
0.25
0.75
1.00
1.25
1.50
25
45
35
55
75
65
4609 F09
0.50
85
95 105
5VIN TO 30VOUT WITH 0LFM
5VIN TO 30VOUT WITH 200LFM
5VIN TO 30VOUT WITH 400LFM
AMBIENT TEMPERATURE (°C)
0
0.25
0.75
1.00
1.25
1.50
25
45
35
55
75
65
4609 F10
0.50
85
95 105
5VIN TO 30VOUT WITH 0LFM
5VIN TO 30VOUT WITH 200LFM
5VIN TO 30VOUT WITH 400LFM
AMBIENT TEMPERATURE (°C)
25
35
45
55
65
75
85
95
4609 F12
32VIN TO 12VOUT WITH 0LFM
32VIN TO 12VOUT WITH 200LFM
32VIN TO 12VOUT WITH 400LFM
10
8
9
4
2
1
3
5
7
6
0
AMBIENT TEMPERATURE (°C)
25
35
45
55
65
75
85
95
4609 F11
32VIN TO 12VOUT WITH 0LFM
32VIN TO 12VOUT WITH 200LFM
32VIN TO 12VOUT WITH 400LFM
10
8
7
9
4
3
2
1
6
5
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com