Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4614EVPBF Datasheet(PDF) 10 Page - Linear Technology

Part # LTM4614EVPBF
Description  Dual 4A per Channel Low VIN DC/DC 關Module Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4614EVPBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LTM4614EVPBF Datasheet HTML 6Page - Linear Technology LTM4614EVPBF Datasheet HTML 7Page - Linear Technology LTM4614EVPBF Datasheet HTML 8Page - Linear Technology LTM4614EVPBF Datasheet HTML 9Page - Linear Technology LTM4614EVPBF Datasheet HTML 10Page - Linear Technology LTM4614EVPBF Datasheet HTML 11Page - Linear Technology LTM4614EVPBF Datasheet HTML 12Page - Linear Technology LTM4614EVPBF Datasheet HTML 13Page - Linear Technology LTM4614EVPBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LTM4614
10
4614fa
APPLICATIONS INFORMATION
Figure 2. Dual Outputs (1.5V and 1.2V) with Tracking
4614 F02
PGOOD1
VOUT1
FB1
COMP1
TRACK1
RUN/SS1
PGOOD2
VOUT2
FB2
COMP2
TRACK2
RUN/SS2
LTM4614
VIN1
VIN2
GND1
GND2
R3
10k
RTB
4.99k
RFB2
5.76k
VIN OR
CONTROL
RAMP
C4
22μF
6.3V
C7
100μF
6.3V
C3
100μF
6.3V
1.2V
4A
1.5V
4A
PGOOD1
R4
10k
PGOOD2
C9
22μF
6.3V
C2
22μF
6.3V
C1
22μF
6.3V
VIN 3V TO 5.5V
RFB1
10k
RTA
10k
1.5V
CSSEXT1
Fault Conditions: Current Limit and Overcurrent
Foldback
The LTM4614 has current mode control, which inher-
ently limits the cycle-by-cycle inductor current not only
in steady-state operation, but also in transient.
Along with foldback current limiting in the event of an
overload condition, the LTM4614 has overtemperature
shutdown protection that inhibits switching operation
around 150°C for each channel.
Run Enable and Soft-Start
The RUN/SS pins provide a dual function of enable and
soft-start control for each channel. The RUN/SS pins are
used to control turn on of the LTM4614. While each enable
pin is below 0.5V, the LTM4614 will be in a low quiescent
current state. At least a 0.8V level applied to the enable
pins will turn on the LTM4614 regulators. This pin can be
used to sequence the regulator channels. The soft-start
control is provided by a 1M pull-up resistor (RSS) and a
1000pF capacitor (CSS) as drawn in the Block Diagram for
each channel. An external capacitor can be applied to the
RUN/SS pin to increase the soft-start time. A typical value
is 0.01μF. The approximate equation for soft-start:
t
SOFTSTART = In
V
IN
V
IN – 1.8V
⎝⎜
⎠⎟
•R
SS •CSS
where RSS and CSS are shown in the Block Diagram of
Figure 1, and 1.8V is the soft-start upper range. The
soft-start function can also be used to control the output
ramp-up time, so that another regulator can be easily
tracked to it.
Output Voltage Tracking
Output voltage tracking can be programmed externally
using the TRACK pins. Either output can be tracked up
or down with another regulator. The master regulator’s
output is divided down with an external resistor divider
that is the same as the slave regulator’s feedback divider to
implement coincident tracking. The LTM4614 uses a very
accurate 4.99k resistor for the internal top feedback resistor.
Figure 2 shows an example of coincident tracking.
Equations:
TRACK1
=
R
FB1
4.99k
+R
FB1
⎝⎜
⎠⎟
• Master
Slave
= 1+
4.99k
R
FB1
⎝⎜
⎠⎟
• TRACK1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com