Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4614EVPBF Datasheet(PDF) 3 Page - Linear Technology

Part # LTM4614EVPBF
Description  Dual 4A per Channel Low VIN DC/DC 關Module Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4614EVPBF Datasheet(HTML) 3 Page - Linear Technology

  LTM4614EVPBF Datasheet HTML 1Page - Linear Technology LTM4614EVPBF Datasheet HTML 2Page - Linear Technology LTM4614EVPBF Datasheet HTML 3Page - Linear Technology LTM4614EVPBF Datasheet HTML 4Page - Linear Technology LTM4614EVPBF Datasheet HTML 5Page - Linear Technology LTM4614EVPBF Datasheet HTML 6Page - Linear Technology LTM4614EVPBF Datasheet HTML 7Page - Linear Technology LTM4614EVPBF Datasheet HTML 8Page - Linear Technology LTM4614EVPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTM4614
3
4614fa
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IOUT(DC)
Output Continuous Current Range
VIN = 3.3V, VOUT = 1.5V (Note 5)
0
4
A
ΔVOUT(LINE)
VOUT
Line Regulation Accuracy
VOUT = 1.5V, VIN from 2.375V to 5.5V, IOUT = 0A
l
0.1
0.3
%
ΔVOUT(LOAD)
VOUT
Load Regulation Accuracy
VOUT = 1.5V, 0A to 4A (Note 5), VIN = 2.375V to 5.5V
0°C ≤ TJ ≤ 125°C
l
0.7
1.2
1.25
1.5
%
%
VOUT(AC)
Output Ripple Voltage
IOUT = 0A, COUT = 100μF (X5R)
VIN = 5V, VOUT = 1.5V
12
mVP-P
fs
Output Ripple Voltage Frequency
IOUT = 4A, VIN = 5V, VOUT = 1.5V
1.25
MHz
ΔVOUT(START) Turn-On Overshoot
COUT = 100μF, VOUT = 1.5V, RUN/SS = 10nF,
IOUT = 0A
VIN = 3.3V
VIN = 5V
20
20
mV
mV
tSTART
Turn-On Time
COUT = 100μF, VOUT = 1.5V, IOUT = 1A Resistive Load,
TRACK = VIN and RUN/SS = Float
VIN = 5V
0.5
ms
ΔVOUT(LS)
Peak Deviation for Dynamic Load
Load: 0% to 50% to 0% of Full Load,
COUT = 100μF, VIN = 5V, VOUT = 1.5V
25
mV
tSETTLE
Settling Time for Dynamic Load
Step
Load: 0% to 50% to 0% of Full Load,
VIN = 5V, VOUT = 1.5V
10
μs
IOUT(PK)
Output Current Limit
COUT = 100μF
VIN = 5V, VOUT = 1.5V
8
A
VFB
Voltage at FB Pin
IOUT = 0A, VOUT = 1.5V
l
0.792
0.788
0.8
0.8
0.808
0.810
V
V
IFB
0.2
μA
VRUN
RUN Pin On/Off Threshold
0.6
0.75
0.9
V
ITRACK
TRACK Pin Current
0.2
μA
VTRACK(OFFSET) Offset Voltage
TRACK = 0.4V
30
mV
VTRACK(RANGE) Tracking Input Range
0
0.8
V
RFBHI
Resistor Between VOUT and FB Pins
4.96
4.99
5.025
ΔVPGOOD
PGOOD Range
±7.5
%
RPGOOD
PGOOD Resistance
Open-Drain Pull-Down
90
150
Ω
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full internal
operating temperature range, otherwise specifications are at TA = 25°C. VIN = 5V unless otherwise noted. Refer to Figure 1.
Specified as each channel (Note 6).
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTM4614E is guaranteed to meet performance specifications
over the 0°C to 125°C internal operating temperature range. Specifications
over the –40°C to 125°C internal operating temperature range are assured
by design, characterization and correlation with statistical process
controls. The LTM4614I is guaranteed to meet specifications over the full
internal operating temperature range. Note that the maximum ambient
temperature is determined by specific operating conditions in conjunction
with board layout, the rated package thermal resistance and other
environmental factors.
Note 3: See Application Note 100.
Note 4: The IC has overtemperature protection that is intended to protect
the device during momentary overload conditions. Junction temperatures
will exceed 125°C when overtemperature is activated. Continuous
overtemperature activation can impair long-term reliability.
Note 5: See output current derating curves for different VIN, VOUT and TA.
Note 6: Two channels are tested separately and the specified test
conditions are applied to each channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com