Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4619EVPBF Datasheet(PDF) 11 Page - Linear Technology

Part # LTM4619EVPBF
Description  Dual, 26VIN, 4A DC/DC 關Module Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4619EVPBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LTM4619EVPBF Datasheet HTML 7Page - Linear Technology LTM4619EVPBF Datasheet HTML 8Page - Linear Technology LTM4619EVPBF Datasheet HTML 9Page - Linear Technology LTM4619EVPBF Datasheet HTML 10Page - Linear Technology LTM4619EVPBF Datasheet HTML 11Page - Linear Technology LTM4619EVPBF Datasheet HTML 12Page - Linear Technology LTM4619EVPBF Datasheet HTML 13Page - Linear Technology LTM4619EVPBF Datasheet HTML 14Page - Linear Technology LTM4619EVPBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LTM4619
11
4619f
APPLICATIONS INFORMATION
Figure 3. Example of Coincident Tracking
Output voltage tracking can be programmed externally
using the TK/SS pin. The master channel is divided down
with an external resistor divider that is the same as the
slave channel’s feedback divider to implement coincident
tracking. The LTM4619 uses an accurate 60.4k resistor
internally for the top feedback resistor. Figure 3 shows an
example of coincident tracking. Figure 4 shows the output
voltages with coincident tracking.
VSLAVE = 1+
R1
R2
⎝⎜
⎠⎟
•VTRACK
VTRACK is the track ramp applied to the slave’s TK/SS2
pin. VTRACK has a control range of 0V to 0.8V. When the
master’s output is divided down with the same resistor
values used to set the slave’s output, then the slave will
coincident track with the master until it reaches its final
value. The master will continue to its final value from the
slave’s regulation point.
Ratiometric modes of tracking can be achieved by select-
ing different divider resistors values to change the output
tracking ratio. The master output must be greater than the
slave output for the tracking to work. Master and slave
data inputs can be used to implement the correct resistors
values for coincident or ratio tracking.
Soft-Start and Tracking
The LTM4619 has the ability to either soft-start by itself
with a capacitor or track the output of another channel or
external supply. When one particular channel is configured
to soft-start by itself, a capacitor should be connected to
its TK/SS pin. This channel is in the shutdown state if its
RUN pin voltage is below 1.2V. Its TK/SS pin is actively
pulled to ground in this shutdown state.
Once the RUN pin voltage is above 1.2V, the channel pow-
ers up. A soft-start current of 1.3μA then starts to charge
its soft-start capacitor. Note that soft-start or tracking is
achieved not by limiting the maximum output current of
the controller but by controlling the output ramp voltage
according to the ramp rate on the TK/SS pin. Current
foldback is disabled during this phase to ensure smooth
soft-start or tracking. The soft-start or tracking range is
defined to be the voltage range from 0V to 0.8V on the
TK/SS pin. The total soft-start time can be calculated as:
tSOFT-START =
0.8V •CSS
1.3µA
Figure 4. Coincident Tracking
4619 F03
VIN
VFB1
COMP1
VOUT1
TK/SS1
RUN1
PGOOD
FREQ/PLLFLTR
VFB2
COMP2
VOUT2
TK/SS2
RUN2
EXTVCC
INTVCC
MODE/PLLIN
LTM4619
SGND
PGND
R3
19.1k
R4
28k
COUT2
COUT1
VOUT1
3.3V
VOUT2
2.5V
C1
0.1μF
CIN
VIN
5.5V TO
28V
C2
22pF
C3
22pF
R1
60.4k
R2
28k
VOUT1
TIME
OUTPUT
VOLTAGE
4619 F04
MASTER OUTPUT
SLAVE OUTPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com