Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4619EVPBF Datasheet(PDF) 19 Page - Linear Technology

Part # LTM4619EVPBF
Description  Dual, 26VIN, 4A DC/DC 關Module Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4619EVPBF Datasheet(HTML) 19 Page - Linear Technology

Back Button LTM4619EVPBF Datasheet HTML 15Page - Linear Technology LTM4619EVPBF Datasheet HTML 16Page - Linear Technology LTM4619EVPBF Datasheet HTML 17Page - Linear Technology LTM4619EVPBF Datasheet HTML 18Page - Linear Technology LTM4619EVPBF Datasheet HTML 19Page - Linear Technology LTM4619EVPBF Datasheet HTML 20Page - Linear Technology LTM4619EVPBF Datasheet HTML 21Page - Linear Technology LTM4619EVPBF Datasheet HTML 22Page - Linear Technology LTM4619EVPBF Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
LTM4619
19
4619f
Figure 19. Typical 4.5V to 26.5V Input, 1.2V and 1.5V
Outputs at 4A Design with Adjusted Frequency at 500kHz
TYPICAL APPLICATIONS
4619 F19
VIN
VFB1
COMP1
VOUT1
TK/SS1
RUN1
PGOOD
FREQ/PLLFLTR
VFB2
COMP2
VOUT2
TK/SS2
RUN2
INTVCC
MODE/PLLIN
LTM4619
SGND
PGND
121k
100k
68.1k
R2
1.21k
COUT2
100μF
2
COUT1
100μF
2
VOUT2
1.5V/4A
VOUT1
1.2V/4A
0.1μF
CIN
10μF
2
0.1μF
VIN
4.5V TO
26.5V
C1
22pF
C2
22pF
R1
3.83k
EXTERNAL 5V SUPPLY FOR
INPUT VOLTAGE BELOW 5.5V
INTVCC
PGOOD
EXTVCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com