Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8032 Datasheet(PDF) 13 Page - Linear Technology

Part # LTM8032
Description  Ultralow Noise EMC Compliant 36V, 2A DC/DC 關Module
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8032 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTM8032 Datasheet HTML 9Page - Linear Technology LTM8032 Datasheet HTML 10Page - Linear Technology LTM8032 Datasheet HTML 11Page - Linear Technology LTM8032 Datasheet HTML 12Page - Linear Technology LTM8032 Datasheet HTML 13Page - Linear Technology LTM8032 Datasheet HTML 14Page - Linear Technology LTM8032 Datasheet HTML 15Page - Linear Technology LTM8032 Datasheet HTML 16Page - Linear Technology LTM8032 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LTM8032
13
8032fa
APPLICATIONS INFORMATION
6. Use vias to connect the GND copper area to the board’s
internal ground plane. Liberally distribute these GND vias
to provide both a good ground connection and thermal
path to the internal planes of the printed circuit board.
Hot-Plugging Safely
The small size, robustness and low impedance of ceramic
capacitors make them an attractive option for the input
bypass capacitor of LTM8032. However, these capacitors
can cause problems if the LTM8032 is plugged into a live
or fast rising or falling supply (see Linear Technology
Application Note 88 for a complete discussion). The low
loss ceramic capacitor combined with stray inductance in
series with the power source forms an under-damped tank
circuit, and the voltage at the VIN pin of the LTM8032 can
ring to twice the nominal input voltage, possibly exceed-
ing the LTM8032’s rating and damaging the part. A similar
phenomenon can occur inside the LTM8032 module, at the
output of the integrated EMI filter, with the same potential
of damaging the part.
If the input supply is poorly controlled or the user will
be plugging the LTM8032 into an energized supply, the
input network should be designed to prevent this over-
shoot. Figure 5 shows the waveforms that result when
an LTM8032 circuit is connected to a 24V supply through
six feet of 24-gauge twisted pair. The first plot (5a) is the
response with a 2.2μF ceramic capacitor at the input. The
input voltage rings as high as 35V and the input current
peaks at 20A. One method of damping the tank circuit
is to add another capacitor with a series resistor to the
circuit. An alternative solution is shown in Figure 5b. A
0.7Ω resistor is added in series with the input to eliminate
the voltage overshoot (it also reduces the peak input cur-
rent). A 0.1μF capacitor improves high frequency filtering.
For high input voltages its impact on efficiency is minor,
reducing efficiency less than one-half percent for a 5V
output at full load operating from 24V. By far the most
popular method of controlling overshoot is shown in Figure
5c, where an aluminum electrolytic capacitor has been
connected to FIN. This capacitor’s high equivalent series
resistance damps the circuit and eliminates the voltage
overshoot. The extra capacitor improves low frequency
ripple filtering and can slightly improve the efficiency of
the circuit, though it is likely to be the largest component
in the circuit. Figure 5c shows the capacitor added to the
VIN terminals, but placing the electrolytic capacitor at the
FIN terminals can improve the LTM8032’s EMI filtering as
well as guard against overshoots caused by the Q of the
integrated filter.
Thermal Considerations
The LTM8032 output current may need to be derated if it
is required to operate in a high ambient temperature or
deliver a large amount of continuous power. The amount of
current derating is dependent upon the input voltage, out-
put power and ambient temperature. The derating curves
given in the Typical Performance Characteristics section
can be used as a guide. These curves were generated by a
LTM8032 mounted to a 36cm2 4-layer FR4 printed circuit
board. Boards of other sizes and layer count can exhibit
different thermal behavior, so it is incumbent upon the user
to verify proper operation over the intended system’s line,
load and environmental operating conditions.
GND
COUT
CIN
8032 F04
VIN
FIN
RUN/SS
SYNC
AUX
BIAS
VOUT
GND
OPTIONAL
FIN
CAPACITOR
Figure 4. Layout Showing Suggested External Components,
GND Plane and Thermal Vias



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com