Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8032 Datasheet(PDF) 14 Page - Linear Technology

Part # LTM8032
Description  Ultralow Noise EMC Compliant 36V, 2A DC/DC 關Module
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8032 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTM8032 Datasheet HTML 10Page - Linear Technology LTM8032 Datasheet HTML 11Page - Linear Technology LTM8032 Datasheet HTML 12Page - Linear Technology LTM8032 Datasheet HTML 13Page - Linear Technology LTM8032 Datasheet HTML 14Page - Linear Technology LTM8032 Datasheet HTML 15Page - Linear Technology LTM8032 Datasheet HTML 16Page - Linear Technology LTM8032 Datasheet HTML 17Page - Linear Technology LTM8032 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LTM8032
14
8032fa
APPLICATIONS INFORMATION
Figure 5. A Well Chosen Input Network Prevents Input Voltage Overshoot and Ensures
Reliable Operation When the LTM8032 is Hot-Plugged to a Live Supply
+
LTM8032
4.7μF
VIN
20V/DIV
IIN
10A/DIV
20μs/DIV
VIN
CLOSING SWITCH
SIMULATES HOT PLUG
IIN
(5a)
(5b)
LOW
IMPEDANCE
ENERGIZED
24V SUPPLY
STRAY
INDUCTANCE
DUE TO 6 FEET
(2 METERS) OF
TWISTED PAIR
+
LTM8032
4.7μF
0.1μF
0.7Ω
VIN
20V/DIV
IIN
10A/DIV
20μs/DIV
DANGER
RINGING VIN MAY EXCEED
ABSOLUTE MAXIMUM RATING
(5c)
+
4.7μF
22μF
35V
AI.EI.
8032 F05
VIN
20V/DIV
IIN
10A/DIV
20μs/DIV
+
VIN
LTM8032
VIN
FIN
The die temperature of the LTM8032 must be lower than
the maximum rating of 125°C, so care should be taken
in the layout of the circuit to ensure good heat sinking
of the LTM8032. To estimate the junction temperature,
approximate the power dissipation within the LTM8032 by
applying the typical efficiency stated in this data sheet to
the desired output power, or, if you have an actual module,
by taking a power measurement. Then calculate the tem-
perature rise of the LTM8032 junction above the surface
of the printed circuit board by multiplying the module’s
power dissipation by the thermal resistance. The actual
thermal resistance of the LTM8032 to the printed circuit
board depends upon the layout of the circuit board, but
the thermal resistance given in the Pin Configuration,
as well as the internal temperature rise curves given in
the Typical Performance Characteristics section, can be
used a guide. Both the thermal resistance and internal
temperature rise curves are based upon a 36cm2 4-layer
FR4 PC board.
Finally, be aware that at high ambient temperatures the
internal Schottky diode will have significant leakage current,
increasing the input quiescent current of the LTM8032.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com