Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8032IVPBF Datasheet(PDF) 19 Page - Linear Technology

Part # LTM8032IVPBF
Description  Ultralow Noise EMC Compliant 36V, 2A DC/DC 關Module
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8032IVPBF Datasheet(HTML) 19 Page - Linear Technology

Back Button LTM8032IVPBF Datasheet HTML 12Page - Linear Technology LTM8032IVPBF Datasheet HTML 13Page - Linear Technology LTM8032IVPBF Datasheet HTML 14Page - Linear Technology LTM8032IVPBF Datasheet HTML 15Page - Linear Technology LTM8032IVPBF Datasheet HTML 16Page - Linear Technology LTM8032IVPBF Datasheet HTML 17Page - Linear Technology LTM8032IVPBF Datasheet HTML 18Page - Linear Technology LTM8032IVPBF Datasheet HTML 19Page - Linear Technology LTM8032IVPBF Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
LTM8032
19
8032fa
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.
PACKAGE DESCRIPTION
PIN
SIGNAL DESCRIPTION
A1
VOUT
A2
VOUT
A3
VOUT
A4
VOUT
A5
GND
A6
GND
A7
GND
B1
VOUT
B2
VOUT
B3
VOUT
B4
VOUT
B5
GND
B6
GND
B7
GND
C1
VOUT
C2
VOUT
C3
VOUT
C4
VOUT
C5
GND
C6
GND
C7
GND
D1
VOUT
D2
VOUT
D3
VOUT
D4
VOUT
D5
GND
D6
GND
D7
GND
E1
GND
E2
GND
E3
GND
E4
GND
E5
GND
E6
GND
E7
GND
PIN
SIGNAL DESCRIPTION
F1
GND
F2
GND
F3
GND
F4
GND
F5
GND
F6
GND
F7
GND
G1
GND
G2
GND
G3
GND
G4
GND
G5
GND
G6
GND
G7
RT
H1
GND
H2
GND
H3
GND
H4
BIAS
H5
AUX
H6
GND
H7
SHARE
J5
GND
J6
GND
J7
ADJ
K1
VIN
K2
VIN
K3
FIN
K5
GND
K6
GND
K7
PGOOD
L1
VIN
L2
VIN
L3
FIN
L5
RUN/SS
L6
SYNC
L7
GND
Table 2. LTM8032 Pinout (Sorted by Pin Number)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com