Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8032IVPBF Datasheet(PDF) 4 Page - Linear Technology

Part # LTM8032IVPBF
Description  Ultralow Noise EMC Compliant 36V, 2A DC/DC 關Module
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8032IVPBF Datasheet(HTML) 4 Page - Linear Technology

  LTM8032IVPBF Datasheet HTML 1Page - Linear Technology LTM8032IVPBF Datasheet HTML 2Page - Linear Technology LTM8032IVPBF Datasheet HTML 3Page - Linear Technology LTM8032IVPBF Datasheet HTML 4Page - Linear Technology LTM8032IVPBF Datasheet HTML 5Page - Linear Technology LTM8032IVPBF Datasheet HTML 6Page - Linear Technology LTM8032IVPBF Datasheet HTML 7Page - Linear Technology LTM8032IVPBF Datasheet HTML 8Page - Linear Technology LTM8032IVPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTM8032
4
8032fa
TYPICAL PERFORMANCE CHARACTERISTICS
Input Current vs Output Current,
3.3VOUT
Input Current vs Output Current,
5VOUT
Input Current vs Output Current,
8VOUT
Minimum Required Input Voltage
vs Output Voltage, IOUT = 2A
Minimum Required Input Voltage
vs Load Current, VOUT = 2.5V
Minimum Required Input Voltage
vs Load Current, VOUT = 3.3V
3.3VOUT Efficiency
5VOUT Efficiency
8VOUT Efficiency
TA = 25°C, unless otherwise noted.
OUTPUT CURRENT (A)
0.01
0
20
30
40
50
60
70
0.1
1
8031 G01
80
90
100
10
10
5.5VIN
12VIN
24VIN
36VIN
OUTPUT CURRENT (A)
0.01
0
20
30
40
50
60
70
0.1
1
8031 G02
80
90
100
10
10
12VIN
24VIN
36VIN
OUTPUT CURRENT (A)
0.01
0
20
30
40
50
60
70
0.1
1
8031 G03
80
90
100
10
10
12VIN
24VIN
36VIN
OUTPUT CURRENT (mA)
0
800
1000
1200
2000
8032 G04
600
400
0
500
1000
1500
200
1600
1400
5.5VIN
12VIN
24VIN
36VIN
OUTPUT CURRENT (mA)
0
0
200
400
600
800
1000
1200
500
1000
1500
2000
8032 G05
12VIN
24VIN
36VIN
OUTPUT CURRENT (mA)
1
1000
1200
1400
2000
8032 G06
800
600
0
500
1000
1500
400
200
1800
1600
12VIN
24VIN
36VIN
OUTPUT VOLTAGE (V)
0
2
4
6
8
10
12
14
246
8
8032 G07
10
LOAD CURRENT (mA)
0
3.0
3.5
4.0
4.5
5.0
5.5
6.0
500
1000
1500
2000
8032 G09
TO RUN
TO START
RUN/SS ENABLED
LOAD CURRENT (mA)
0
2.0
2.5
3.0
3.5
4.0
4.5
5.0
500
1000
1500
2000
8032 G08
TO RUN
TO START



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com