Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM9003 Datasheet(PDF) 2 Page - Linear Technology

Part # LTM9003
Description  12-Bit Digital Pre-Distortion Receiver Subsystem
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM9003 Datasheet(HTML) 2 Page - Linear Technology

  LTM9003 Datasheet HTML 1Page - Linear Technology LTM9003 Datasheet HTML 2Page - Linear Technology LTM9003 Datasheet HTML 3Page - Linear Technology LTM9003 Datasheet HTML 4Page - Linear Technology LTM9003 Datasheet HTML 5Page - Linear Technology LTM9003 Datasheet HTML 6Page - Linear Technology LTM9003 Datasheet HTML 7Page - Linear Technology LTM9003 Datasheet HTML 8Page - Linear Technology LTM9003 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LTM9003
2
9003p
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VCC1)
LTM9003-AA ........................................ –0.3V to 3.6V
LTM9003-AB ........................................ –0.3V to 5.5V
Supply Voltage (VCC2)................................ –03V to 5.5V
Supply Voltage (VDD, OVDD) ..................... –0.3V to 2.8V
Digital Output Ground Voltage (OGND) ........ –0.3V to 1V
LO Input Power (380MHz to 4.2GHz)...................10dBm
LO Input DC Voltage............................. –1V to VCC1 + 1V
RF Input Power (400MHz to 3.8GHz) ...................15dBm
RF Input DC Voltage............................................... ±0.1V
Mixer Enable Voltage .....................–0.3V to VCC1 + 0.3V
AMP Enable Input Current.................................... ±10mA
Digital Input Voltage..................... –0.3V to (VDD + 0.3V)
Digital Output Voltage ................ –0.3V to (OVDD + 0.3V)
Operating Ambient Temperature Range
LTM9003CV................................................. 0 to 70°C
LTM9003IV..............................................–40 to 85°C
Storage Temperature Range ...................... –40 to 125°C
Maximum Junction Temperature .......................... 125°C
CAUTION: The RF and LO inputs are sensitive to electro-
static discharge (ESD). It is very important that proper ESD
precautions be observed when handling the LTM9003.
(Notes 1, 2)
VCC2
23456789
10
11
112
A
B
C
D
E
F
G
H
J
LGA PACKAGE
108-LEAD (15mm
11.25mm
2.32mm)
TOP VIEW
VCC1
ALL OTHERS = GND
DATA, CONTROL
AMP_EN
ENC–
ENC+
VDD
OVDD
RF
LO
MIX_EN
TJMAX = 125°C, θJA = 15°C/W, θJC = 6°C/W
DERIVED FROM TBDmm
× TBDmm PCB WITH 4 LAYERS WEIGHT = TBD g
ORDER INFORMATION
LEAD FREE FINISH
TRAY
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTM9003CV-AA#PBF
LTM9003CV-AA#PBF
LTM9003V AA
108-Lead (11.25mm
× 15mm × 2.3mm) LGA
0°C to 70°C
LTM9003IV-AA#PBF
LTM9003IV-AA#PBF
LTM9003V AA
108-Lead (11.25mm
× 15mm × 2.3mm) LGA
–40°C to 85°C
LTM9003CV-AB#PBF
LTM9003CV-AB#PBF
LTM9003V AB
108-Lead (11.25mm
× 15mm × 2.3mm) LGA
0°C to 70°C
LTM9003IV-AB#PBF
LTM9003IV-AB#PBF
LTM9003V AB
108-Lead (11.25mm
× 15mm × 2.3mm) LGA
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
This product is only offered in trays. For more information go to: http://www.linear.com/packaging/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com