Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM9003 Datasheet(PDF) 6 Page - Linear Technology

Part # LTM9003
Description  12-Bit Digital Pre-Distortion Receiver Subsystem
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM9003 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTM9003 Datasheet HTML 2Page - Linear Technology LTM9003 Datasheet HTML 3Page - Linear Technology LTM9003 Datasheet HTML 4Page - Linear Technology LTM9003 Datasheet HTML 5Page - Linear Technology LTM9003 Datasheet HTML 6Page - Linear Technology LTM9003 Datasheet HTML 7Page - Linear Technology LTM9003 Datasheet HTML 8Page - Linear Technology LTM9003 Datasheet HTML 9Page - Linear Technology LTM9003 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LTM9003
6
9003p
POWER REQUIREMENTS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC1
Mixer Supply Range
LTM9003-AA
LTM9003-AB
2.9
4.5
3.3
5
3.9
5.25
V
V
VCC2
Amplifier Supply Range
2.8
3.3
5.25
V
VDD
ADC Analog Supply Voltage
l
2.375
2.5
2.625
V
ICC1
Mixer Supply Current
MIX_EN = 3V, LTM9003-AA
MIX_EN = 5V, LTM9003-AB
l
82
78
92
88
mA
mA
ICC1(SHDN)
Mixer Shutdown Supply Current
MIX_EN = 0V
l
100
μA
ICC2
Amplifier Supply Current
AMP_EN = 3V
l
104
140
mA
ICC2(SHDN)
Amplifier Shutdown Supply Current AMP_EN = 0V
l
35
mA
IDD(ADC)
ADC Supply Current
l
285
320
mA
PD(SHDN)
ADC Shutdown Power
SHDN = 3V, OE = 3V, No CLK
TBD
mW
PD(NAP)
ADC Nap Mode Power
SHDN = 3V, OE = 0V, No CLK
TBD
mW
LVDS Output Mode
OVDD
ADC Digital Output Supply Voltage
l
2.375
2.5
2.625
V
IOVDD(ADC)
ADC Digital Output Supply Current
l
58
70
mA
PD(ADC)
ADC Power Dissipation
l
858
975
mW
PD(TOTAL)
Total Power Dissipation
SHDN = 0V, MIX_EN = AMP_EN = 3V, fSAMPLE = MAX
(LTM9003-AA)
(LTM9003-AB)
1472
1591
mW
mW
The
l denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com