Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC2915 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # UCC2915
Description  15V Programmable Hot Swap Power Manager
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC2915 Datasheet(HTML) 1 Page - Texas Instruments

  UCC2915 Datasheet HTML 1Page - Texas Instruments UCC2915 Datasheet HTML 2Page - Texas Instruments UCC2915 Datasheet HTML 3Page - Texas Instruments UCC2915 Datasheet HTML 4Page - Texas Instruments UCC2915 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UCC2915
UCC3915
SLUS198A - FEBRUARY 2000
FEATURES
• Integrated 0.15 Ohm Power
MOSFET
• 7V to 15V Operation
• Digital Programmable Current Limit
from 0A to 3A
• 100 A ICC when Disabled
• Programmable ON Time
• Programmable Start Delay
• Fixed 2% Duty Cycle
• Thermal Shutdown
• Fault Output Indicator
• Maximum Output Current can be set
to 1A above the Programmed Fault
Level or to a full 4A
• Power SOIC and TSSOP, Low
Thermal Resistance Packaging
DESCRIPTION
The UCC3915 Programmable Hot Swap Power Manager provides com-
plete power management, hot swap capability, and circuit breaker functions.
The only external component required to operate the device, other than
power supply bypassing, is the fault timing capacitor, CT. All control and
housekeeping functions are integrated, and externally programmable.
These include the fault current level, maximum output sourcing current,
maximum fault time, and startup delay. In the event of a constant fault, the
Internal fixed 2% duty cycle ratio limits average output power.
The internal 4 bit DAC allows programming of the fault level current from 0
to 3A with 0.25A resolution. The IMAX control pin sets the maximum
sourcing current to 1A above the trip level or to a full 4A of output current
for fast output capacitor charging.
When the output current is below the fault level, the output MOSFET is
switched ON with a nominal ON resistance of 0.15 . When the output cur-
rent exceeds the fault level, but is less than the maximum sourcing level,
the output remains switched ON, but the fault timer starts, charging CT.
Once CT charges to a preset threshold, the switch is turned OFF, and re-
mains OFF for 50 times the programmed fault time. When the output cur-
rent reaches the maximum sourcing level, the MOSFET transitions from a
switch to a constant current source.
6
7
8
9
1A
ABOVE
FAULT
OVER CURRENT
COMPARATOR
CURRENT FAULT
LEVEL 0–3 AMPS
10
H= 4A
MAX
CURRENT
LEVEL
4A
ON TIME
CONTROL
2% DUTY
CYCLE
0–3A
0.25
RES
11
13
12
4
5
B3
B2
B1
B0
4BIT DAC
GND
HEAT SINK
GND PINS
CT
CHARGE
PUMP
16
LINEAR CURRENT
AMPLIFIER
POWER
FET
2
3
V
OUT
REVERSE VOLTAGE
COMPARATOR
30mV
FAULT
THERMAL
SHUTDOWN
INTERNAL
BIAS
+
–
1
15
14
VOUT
VIN
CURRENT SENSE
H = OPEN
1.5V
SHTDWN
IMAX
*
*BODYDIODE
BLOCK DIAGRAM
15V Programmable Hot Swap Power Manager
UDG-99174
Note: Pin numbers refer to DIL-16 and SOIC-16 packages.


Similar Part No. - UCC2915

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2915 TI-UCC2915 Datasheet
663Kb / 15P
15-V PROGRAMMABLE HOT SWAP POWER MANAGER
UCC2915 TI2-UCC2915 Datasheet
912Kb / 16P
15-V PROGRAMMABLE HOT SWAP POWER MANAGER
REVISED - JUNE 2001
UCC2915DP TI-UCC2915DP Datasheet
663Kb / 15P
15-V PROGRAMMABLE HOT SWAP POWER MANAGER
UCC2915DP TI2-UCC2915DP Datasheet
912Kb / 16P
15-V PROGRAMMABLE HOT SWAP POWER MANAGER
REVISED - JUNE 2001
UCC2915DP.A TI2-UCC2915DP.A Datasheet
912Kb / 16P
15-V PROGRAMMABLE HOT SWAP POWER MANAGER
REVISED - JUNE 2001
More results

Similar Description - UCC2915

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1913 TI-UCC1913 Datasheet
123Kb / 9P
Negative Voltage Hot Swap Power Manager
UCC1917 TI-UCC1917 Datasheet
228Kb / 9P
Positive Floating Hot Swap Power Manager
UCC3912 TI-UCC3912 Datasheet
148Kb / 6P
Programmable Hot Swap Power Manager
UCC39151 TI-UCC39151 Datasheet
203Kb / 6P
15V Programmable Hot Swap Power Manager
UCC2913 TI-UCC2913 Datasheet
314Kb / 17P
NEGATIVE VOLTAGE HOT SWAP POWER MANAGER
TPS2394 TI1-TPS2394 Datasheet
340Kb / 18P
??8-V Hot Swap Power Manager
TPS2345 TI1-TPS2345 Datasheet
480Kb / 30P
CompactPCI짰 HOT SWAP POWER MANAGER
UCC2912 TI1-UCC2912 Datasheet
659Kb / 16P
PROGRAMMABLE HOT SWAP POWER MANAGER
UCC3915DP TI-UCC3915DP Datasheet
663Kb / 15P
15-V PROGRAMMABLE HOT SWAP POWER MANAGER
UCC3917D TI1-UCC3917D Datasheet
1Mb / 25P
Positive Floating Hot-Swap Power Manager
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com