Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7216 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # SH7216
Description  USB Mass Storage Class
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7216 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button SH7216 Datasheet HTML 9Page - Renesas Technology Corp SH7216 Datasheet HTML 10Page - Renesas Technology Corp SH7216 Datasheet HTML 11Page - Renesas Technology Corp SH7216 Datasheet HTML 12Page - Renesas Technology Corp SH7216 Datasheet HTML 13Page - Renesas Technology Corp SH7216 Datasheet HTML 14Page - Renesas Technology Corp SH7216 Datasheet HTML 15Page - Renesas Technology Corp SH7216 Datasheet HTML 16Page - Renesas Technology Corp SH7216 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
SH7216 Group
USB Function Module: USB Mass Storage Class
REJ06B0897-0100/Rev.1.00
July 2009
Page 13 of 32
4.5
Changing RAM Disk Settings
This section describes how to change the settings of the RAM disk used in this sample program.
4.5.1
Removable/Hard Disk
The RAM disk is used as a removable disk in this sample program.
The RAM disk can be used as a hard disk by commenting out "#define REMOVABLE_DISK" in "SetSystemSwitch.h"
and enabling comment "#undef REMOVABLE_DISK."
4.5.2
Changing the RAM Disk Capacity
This sample program uses 16-Mbyte capacity of the SDRAM as a RAM disk. To change the RAM disk capacity,
change the content of "SysMemMap.h." Specify the entire byte count *
1 to be used as a RAM disk by
DISK_ALL_BYTE. Then specify the start address and end address of the area to be used as a RAM disk by
RAM_DISK _S and RAM_ DISK _E *
2, respectively.
Notes: 1. Specify a value of 1.5 Mbytes or more. The capacity viewed from the PC is slightly reduced because the
FAT information and other information use the capacity. This sample program configures the FAT
information with FAT12 (up to approx. 16 Mbytes) and FAT16 (up to approx. 2 Gbytes). Other FAT system
information need to be prepared by the user.
2. The area specified by RAM_ DISK _S and RAM_ DISK _E must be equal to or larger than the size
specified by DISK_ALL_BYTE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com