Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7216 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # SH7216
Description  USB Mass Storage Class
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7216 Datasheet(HTML) 2 Page - Renesas Technology Corp

  SH7216 Datasheet HTML 1Page - Renesas Technology Corp SH7216 Datasheet HTML 2Page - Renesas Technology Corp SH7216 Datasheet HTML 3Page - Renesas Technology Corp SH7216 Datasheet HTML 4Page - Renesas Technology Corp SH7216 Datasheet HTML 5Page - Renesas Technology Corp SH7216 Datasheet HTML 6Page - Renesas Technology Corp SH7216 Datasheet HTML 7Page - Renesas Technology Corp SH7216 Datasheet HTML 8Page - Renesas Technology Corp SH7216 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
SH7216 Group
USB Function Module: USB Mass Storage Class
REJ06B0897-0100/Rev.1.00
July 2009
Page 2 of 32
1.
Preface
1.1
Specifications
This application note describes how to use the USB function module of the SH7216 and examples of creation of
firmware conforming to USB Mass Storage Class.
1.2
Modules Used
• Interrupt controller (INTC)
• Pin function controller (PFC)
• USB function module (USB)
1.3
Applicable Conditions
• MCU
SH7216
• Operating frequency
Internal clock: 200 MHz
Bus clock: 100 MHz
Peripheral clock: 50 MHz
• Integrated development environment
High-performance Embedded Workshop Ver.4.05.00
(from Renesas Technology Corp.)
• C compiler
SuperH RISC engine Family C/C++ Compiler Package Ver.9.02 Release00,
available from Renesas Technology
• Compiler options
Default settings of the High-performance Embedded Workshop
(-cpu=sh2afpu -pic=1 -object="$(CONFIGDIR)¥$(FILELEAF).obj"
-debug -gbr=auto -chgincpath -errorpath -global_volatile=0
-opt_range=all -infinite_loop=0 -del_vacant_loop=0
-struct_alloc=1 -nologo)
1.4
Related Application Note
• SH7216 Group Application Note: USB Function Module: USB HID Class (REJ06B0898)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com