Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC3956 Datasheet(PDF) 1 Page - Texas Instruments

Part # UCC3956
Description  Switch Mode Lithium-Ion Battery Charger Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC3956 Datasheet(HTML) 1 Page - Texas Instruments

  UCC3956 Datasheet HTML 1Page - Texas Instruments UCC3956 Datasheet HTML 2Page - Texas Instruments UCC3956 Datasheet HTML 3Page - Texas Instruments UCC3956 Datasheet HTML 4Page - Texas Instruments UCC3956 Datasheet HTML 5Page - Texas Instruments UCC3956 Datasheet HTML 6Page - Texas Instruments UCC3956 Datasheet HTML 7Page - Texas Instruments UCC3956 Datasheet HTML 8Page - Texas Instruments UCC3956 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/98
FEATURES
•
Precision 4.1V Reference (1%)
•
High Efficiency Battery Charger Solution
•
Average Current Mode Control from
Trickle to Over Charge
•
Resistor Programmable Charge Currents
•
Internal State Logic Provides Four
Charge States
•
Programmable Over Charge Time
•
Fully Differential Switch Mode Current
Sensing
•
CHG Pin Initiates Charging
Switch Mode Lithium-Ion Battery Charger Controller
BLOCK DIAGRAM
UDG-96197-1
UCC2956
UCC3956
PRELIMINARY
DESCRIPTION
The UCC3956 family of Switch Mode Lithium-Ion Battery Charger
Controllers accurately control lithium-ion battery charging with a
highly efficient average current control loop. This chip is designed to
work as a stand alone charger controller for a single cell or multiple
cell battery pack. This chip combines charge state logic and aver-
age current PWM control circuitry with a 14 bit counter to program
the over charge time. The charge state logic indicates current or
voltage control depending on the charge state. The chip includes
undervoltage lockout circuitry to insure sufficient supply voltage is
present before output switching starts. Additional circuit blocks in-
clude a differential current sense amplifier, a 1% voltage reference,
voltage and current error amplifiers, PWM latch, charge state de-
code bits, and a 500mA output driver.


Similar Part No. - UCC3956

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3956 TI-UCC3956 Datasheet
535Kb / 19P
SWITCH-MODE LITHIUM-ION BATTERY CHARGE CONTROLLER
UCC3956DW TI-UCC3956DW Datasheet
535Kb / 19P
SWITCH-MODE LITHIUM-ION BATTERY CHARGE CONTROLLER
More results

Similar Description - UCC3956

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3620 NSC-LM3620 Datasheet
139Kb / 6P
Lithium-Ion Battery Charger Controller
LM3622 NSC-LM3622 Datasheet
171Kb / 9P
Lithium-Ion Battery Charger Controller
logo
Maxim Integrated Produc...
MAX1737 MAXIM-MAX1737 Datasheet
234Kb / 18P
Stand-Alone Switch-Mode Lithium-Ion Battery-Charger Controller
19-1626; Rev 1; 7/00
MAX745 MAXIM-MAX745 Datasheet
91Kb / 8P
Switch-Mode Lithium-Ion Battery-Charger
19-1182; Rev 2; 12/98
logo
Linear Technology
LTC1732-8.4 LINER-LTC1732-8.4 Datasheet
148Kb / 12P
Lithium-Ion Linear Battery Charger Controller
logo
Maxim Integrated Produc...
MAX1737 MAXIM-MAX1737_07 Datasheet
181Kb / 18P
Stand-Alone Switch-Mode Lithium-Ion Battery-Charger Controller
Rev 4; 9/07
logo
Linear Technology
LTC1731ES8-8.4 LINER-LTC1731ES8-8.4 Datasheet
161Kb / 12P
Lithium-Ion Linear Battery Charger Controller
logo
Texas Instruments
LM3622 TI1-LM3622 Datasheet
892Kb / 15P
Lithium-Ion Battery Charger Controller
logo
Maxim Integrated Produc...
MAX1737 MAXIM-MAX1737_V01 Datasheet
1Mb / 19P
Stand-Alone Switch-Mode Lithium-Ion Battery-Charger Controller
2017
MAX745 MAXIM-MAX745_V01 Datasheet
756Kb / 9P
Switch-Mode Lithium-Ion Battery-Charger
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com