Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM600 Datasheet(PDF) 3 Page - Extech Instruments Corporation.

Part # AM600
Description  600A AC Analog Clamp Meter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

AM600 Datasheet(HTML) 3 Page - Extech Instruments Corporation.

  AM600 Datasheet HTML 1Page - Extech Instruments Corporation. AM600 Datasheet HTML 2Page - Extech Instruments Corporation. AM600 Datasheet HTML 3Page - Extech Instruments Corporation. AM600 Datasheet HTML 4Page - Extech Instruments Corporation. AM600 Datasheet HTML 5Page - Extech Instruments Corporation. AM600 Datasheet HTML 6Page - Extech Instruments Corporation. AM600 Datasheet HTML 7Page - Extech Instruments Corporation. AM600 Datasheet HTML 8Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AM600 V2.0 6/07
3
PER IEC1010 OVERVOLTAGE INSTALLATION CATEGORY
OVERVOLTAGE CATEGORY I
Equipment of OVERVOLTAGE CATEGORY I is equipment for connection to circuits in
which measures are taken to limit the transient overvoltages to an appropriate low level.
Note – Examples include protected electronic circuits.
OVERVOLTAGE CATEGORY II
Equipment of OVERVOLTAGE CATEGORY II is energy-consuming equipment to be
supplied from the fixed installation.
Note – Examples include household, office, and laboratory appliances.
OVERVOLTAGE CATEGORY III
Equipment of OVERVOLTAGE CATEGORY III is equipment in fixed installations.
Note – Examples include switches in the fixed installation and some equipment for industrial
use with permanent connection to the fixed installation.
OVERVOLTAGE CATEGORY IV
Equipment of OVERVOLTAGE CATEGORY IV is for use at the origin of the installation.
Note – Examples include electricity meters and primary over-current protection equipment
Description
Meter Description
1.
Current clamp
2.
Clamp opening trigger
3.
0 Ohms adjustment
4.
Meter zero adjustment
5.
Scale
6.
“COM” Terminal
7.
Range switch
8.
Pointer Lock switch
9.
V, Ω and Temp Terminal



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com