Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM600 Datasheet(PDF) 4 Page - Extech Instruments Corporation.

Part # AM600
Description  600A AC Analog Clamp Meter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

AM600 Datasheet(HTML) 4 Page - Extech Instruments Corporation.

  AM600 Datasheet HTML 1Page - Extech Instruments Corporation. AM600 Datasheet HTML 2Page - Extech Instruments Corporation. AM600 Datasheet HTML 3Page - Extech Instruments Corporation. AM600 Datasheet HTML 4Page - Extech Instruments Corporation. AM600 Datasheet HTML 5Page - Extech Instruments Corporation. AM600 Datasheet HTML 6Page - Extech Instruments Corporation. AM600 Datasheet HTML 7Page - Extech Instruments Corporation. AM600 Datasheet HTML 8Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AM600 V2.0 6/07
4
Operation
NOTE: Read and understand all Warning and Caution statements in this operation manual prior to using
this meter.
AC Current Measurements
WARNING: Remove the test leads from the meter before making current clamp
measurements.
1.
Set the Range switch to the 600A range..
2.
Set the Pointer Lock
switch is set to the right-
most position so that the
pointer may freely move.
3.
If necessary, turn the
Zero Adjust screw to
zero the meter display.
4.
Press the trigger to open
jaw. Fully enclose only
one conductor. For
optimum results, center
the conductor in the jaw.
5.
The analog display
pointer will indicate the current reading.
6.
When possible, set the Range switch to a lower range to obtain a reading in the
upper half of the scale.
AC/DC Voltage Measurements
1.
Insert the black test lead into the negative COM terminal and
the red test lead into the positive V terminal.
2.
Set the Range switch to the highest AC or DC Voltage range.
3.
Set the Pointer Lock switch is set to the right-most position so
that the pointer may freely move.
4.
If necessary, turn the Zero Adjust screw to zero the meter
display.
5.
Connect the test leads in parallel to the circuit under test.
6.
The analog display pointer will indicate the voltage reading.
7.
When possible, set the Range switch to a lower range to
obtain a reading in the upper half of the scale.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com