Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA310 Datasheet(PDF) 2 Page - Extech Instruments Corporation.

Part # CA310
Description  300A AC Current Clamp-on
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

CA310 Datasheet(HTML) 2 Page - Extech Instruments Corporation.

  CA310 Datasheet HTML 1Page - Extech Instruments Corporation. CA310 Datasheet HTML 2Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model CA310 Version 1.1 06/03
Support Hotline (781) 890-7440
Tech support: Ext. 200; Email: support@extech.com
Repair/Returns: Ext. 210; Email: repair@extech.com
Website: www.extech.com
Read mV
Set to AC V
Voltage input
AC Current Measurements
1.
Set the DMM to the AC mV range or to a low AC voltage range.
2.
Connect the RED test lead to the DMM '+' Voltage terminal and the BLACK lead to
the '-' COM terminal.
3.
Press the Jaw Trigger to open the jaw and clamp around a single conductor.
Incorrect
Correct
4.
Read the voltage on the DMM display and then divide this reading by 10 to get the
current reading in Amps (10mV AC per 1A of AC current).
Refer to the TABLE below for examples of interpreting the DMM display:
Note: Do not apply voltage to the clamp adaptor’s test leads
Note: For small currents, use the RELATIVE function (if available) on the DMM with no
wire clamped to zero the meter and improve accuracy.
Warranty
EXTECH INSTRUMENTS CORPORATION warrants this instrument to be free of defects in parts and
workmanship for one year from date of shipment (a six month limited warranty applies on sensors and
cables). If it should become necessary to return the instrument for service during or beyond the warranty
period, contact the Customer Service Department at (781) 890-7440 ext. 210 for authorization or visit
our website at www.extech.com (click on ‘Contact Extech’ and go to ‘Service Department’ to request an
RA number). A Return Authorization (RA) number must be issued before any product is returned to
Extech. The sender is responsible for shipping charges, freight, insurance and proper packaging to
prevent damage in transit. This warranty does not apply to defects resulting from action of the user such
as misuse, improper wiring, operation outside of specification, improper maintenance or repair, or
unauthorized modification. Extech specifically disclaims any implied warranties or merchantability or
fitness for a specific purpose and will not be liable for any direct, indirect, incidental or consequential
damages. Extech's total liability is limited to repair or replacement of the product. The warranty set forth
above is inclusive and no other warranty, whether written or oral, is expressed or implied.
Copyright © 2003 Extech Instruments Corporation.
All rights reserved including the right of reproduction in whole or in part in any form.
Interpreting the DMM display
DMM AC Range
Current
DMM Display
Display ÷ 10 = A
V range
300A
03.00 V
0.300
mV range
199A
1990 mV
199
mV range
20A
200.0 mV
20
mV range
2A
20.00 mV
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com