Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA310 Datasheet(PDF) 1 Page - Extech Instruments Corporation.

Part # CA310
Description  300A AC Current Clamp-on
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

CA310 Datasheet(HTML) 1 Page - Extech Instruments Corporation.

  CA310 Datasheet HTML 1Page - Extech Instruments Corporation. CA310 Datasheet HTML 2Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
300 AMP AC CLAMP ADAPTOR
OUTPUT VOLTAGE: 1mV AC Per 1A AC
CATII 600V
CA300
User’s Guide
Model CA310
300A AC Current Clamp-on
MultiMeter Adaptor
Introduction
Congratulations on your purchase of the Extech CA310 300 Amp AC Clamp-On MultiMeter
Adaptor. With this clamp adaptor an AC current can be safely measured by simply clamping
around a single conductor. The adaptor outputs an AC mV signal that is proportional to the
measured AC current. The DMM mV reading (times 10) is equivalent to the value of the AC
current. Careful use of this device will provide years of reliable service.
Specifications
Sensor type
Induction coil
Measurement Range
0.1 to 300 Amps AC
Adaptor Output
10mV AC output to DMM per 1A AC measurement
Frequency range
50/60Hz
Working voltage
600V CAT II (IEC 1010-1)
Maximum output impedance 45
Ω
Accuracy
± (3.0% + 10mV) for readings less than 50A
± (2.0% + 5mV) for readings greater than 50A
Temperature coefficient
0.2 times the specified accuracy per
oC < 18oC or > 28oC
Jaw size
1.2" (30mm)
Operating Conditions
32 to 122
oF (0 to 50oC) < 80% RH
Dimensions/Weight
3.2 x 6.1 x 1.4" (80 x 156 x 35mm); 7.8 oz. (220g)
NOTE: Accuracy is specified for a period of one year for ambient conditions 64
oF to 84oF
(18
oC to 28oC) < 80% RH.
Safety
Safety Symbols
This symbol, adjacent to another symbol or terminal, indicates the user must
refer to the manual for further information.
This symbol indicates that double insulation is used.
WARNING: This indicates that a potentially hazardous condition which, if not avoided,
could result in death or serious injury.
Safety Precautions
1.
WARNING: Improper use of this meter can cause damage, shock, injury or death.
Read and understand this manual before operating the meter.
2.
Inspect the condition of the test leads and the meter itself for any damage before
operating the meter. Repair or replace any damage before use.
3.
Do not use on non-insulated conductors at voltages greater than 250VAC rms or DC.


Similar Part No. - CA310

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3100 INTERSIL-CA3100 Datasheet
128Kb / 7P
38MHz, Operational Amplifier
January 1999
logo
Harris Corporation
CA3100 HARRIS-CA3100 Datasheet
98Kb / 7P
38MHz, Operational Amplifier
logo
ITT Industries
CA3100A ITT-CA3100A Datasheet
4Mb / 34P
ITT Cannon is the foremost manufac-turer of MS and MS type connectors with the widest range of connector styles
CA3100A18-8P ITT-CA3100A18-8P Datasheet
4Mb / 34P
CA/MS A and B
CA3100A18-8P ITT-CA3100A18-8P Datasheet
4Mb / 34P
CA/MS A and B
More results

Similar Description - CA310

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
AM300 EXTECH-AM300 Datasheet
237Kb / 7P
300A AC Analog Clamp Meter
CA250 EXTECH-CA250 Datasheet
103Kb / 1P
400A AC/DC Current Clamp-on MultiMeter Adaptor
AM300 EXTECH-AM300_15 Datasheet
197Kb / 1P
300A AC Analog Clamp Meter
logo
M-System Co.,Ltd.
CLSE MSYSTEM-CLSE Datasheet
116Kb / 2P
CLAMP-ON CURRENT SENSOR
CLSB MSYSTEM-CLSB Datasheet
100Kb / 3P
CLAMP-ON CURRENT SENSOR
ESCLSE MSYSTEM-ESCLSE Datasheet
116Kb / 2P
CLAMP-ON CURRENT SENSOR
ESCLSB MSYSTEM-ESCLSB Datasheet
100Kb / 3P
CLAMP-ON CURRENT SENSOR
CLSC MSYSTEM-CLSC Datasheet
83Kb / 2P
CLAMP-ON CURRENT SENSOR
CLSD MSYSTEM-CLSD Datasheet
118Kb / 3P
CLAMP-ON CURRENT SENSOR
logo
Pepperl+Fuchs Inc.
I400 PF-I400 Datasheet
420Kb / 1P
AC Current Clamp
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com