Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC5641 Datasheet(PDF) 1 Page - Texas Instruments

Part # UCC5641
Description  Low Voltage Differential LVD SCSI 9 Line Terminator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC5641 Datasheet(HTML) 1 Page - Texas Instruments

  UCC5641 Datasheet HTML 1Page - Texas Instruments UCC5641 Datasheet HTML 2Page - Texas Instruments UCC5641 Datasheet HTML 3Page - Texas Instruments UCC5641 Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UCC5641
SLUS397 - JANUARY 2000
FEATURES
• First LVD only Active Terminator
• Meets SCSI SPI-2 Ultra2 (Fast-40)
and Ultra3 / Ultra160 (Fast-80)
Standards
• 2.7V to 5.25V Operation
• Differential Failsafe Bias
• Reversed Disconnect Polarity
Low Voltage Differential (LVD) SCSI 9 Line Terminator
REF 1.25V
15
DISCNCT
27
LVD*
1
REG
11
DIFFB
4
L1–
3
L1+
26
L9–
25
L9+
56mV
SOURCE/SINK REGULATOR
REF 1.3V
1.3V
± 0.1V
0.7V > 0.5V
2.4V > 1.9V
HIGH IMPEDANCE RECEIVER
EVEN WITH POWER OFF
SINGLE
ENDED
HIGH POWER
DIFFERENTIAL
12
DIFSENS
SOURCE 5–15mA
SINK 200
µAMAXIMUM (NOISELOAD)
OPEN CIRCUIT ON POWER OFF
OR OPEN CIRCUIT IN A
DISABLED TERMINATOR MODE
10
µA
28
TRMPWR
LOW
FREQUENCY
FILTER
50Hz – 60Hz
20k
124
124
52
52
52
52
4.7
µF
0.1
µF
14
GND
SOURCE ONLY FROM TRMPWR AND THE ENABLED TERMINATIONS
2.7V to 5.25V
56mV
+–
–+
56mV
+–
56mV
–+
BLOCK DIAGRAM
UDG-99160
DESCRIPTION
The UCC5641 is an active terminator for Low Voltage Differential (LVD)
SCSI networks. This LVD only design allows the user to reach peak bus
performance while reducing system cost. The device is designed as an
active Y-terminator to improve the frequency response of the LVD Bus.
Designed with a 1.5pF channel capacitance, the UCC5641 allows for mini-
mal bus loading for a maximum number of peripherals. With the
UCC5641, the designer will be able to comply with the Fast-40 SPI-2 and
Fast-80 SPI-3 specifications. The UCC5641 also provides a much-needed
system migration path for ever improving SCSI system standards. This de-
vice is available in the 24 pin TSSOP and 28 pin TSSOP for ease of lay-
out use.
The UCC5641 is not designed for use in single ended or high voltage dif-
ferential systems.
* 28 pin package only


Similar Part No. - UCC5641

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5640 TI-UCC5640 Datasheet
171Kb / 10P
Low Voltage Differential LVD SCSI 9 Line Terminator
UCC5640 TI-UCC5640 Datasheet
532Kb / 13P
LOW VOLTAGE DIFFERENTIAL (LVD) SCSI 9-LINE TERMINATOR
UCC5640 TI2-UCC5640 Datasheet
373Kb / 13P
LOW VOLTAGE DIFFERENTIAL (LVD) SCSI 9-LINE TERMINATOR
REVISED JUNE 2003
UCC5640PW TI-UCC5640PW Datasheet
532Kb / 13P
LOW VOLTAGE DIFFERENTIAL (LVD) SCSI 9-LINE TERMINATOR
UCC5640PW24 TI-UCC5640PW24 Datasheet
171Kb / 10P
Low Voltage Differential LVD SCSI 9 Line Terminator
More results

Similar Description - UCC5641

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5510 TI-UCC5510 Datasheet
40Kb / 4P
Low Voltage Differential LVD/SE SCSI 9 Line Terminator
UCC5630 TI-UCC5630 Datasheet
59Kb / 5P
Low Voltage Differential LVD/SE SCSI 9 Line Terminator
UCC5640 TI-UCC5640 Datasheet
171Kb / 10P
Low Voltage Differential LVD SCSI 9 Line Terminator
logo
Microsemi Corporation
LX5248 MICROSEMI-LX5248 Datasheet
170Kb / 6P
9 - LINE LVD SCSI TERMINATOR
logo
IMP, Inc
IMP2119 IMP-IMP2119 Datasheet
447Kb / 9P
9-Line ULTRA3 LVD/SE SCSI Terminator
logo
Microsemi Corporation
LX5255 MICROSEMI-LX5255 Datasheet
279Kb / 7P
9-Line LVD SCSI Terminator
LX5255 MICROSEMI-LX5255_06 Datasheet
221Kb / 7P
9-Line LVD SCSI Terminator
logo
Texas Instruments
UCC5640PW TI-UCC5640PW Datasheet
532Kb / 13P
LOW VOLTAGE DIFFERENTIAL (LVD) SCSI 9-LINE TERMINATOR
UCC5630 TI1-UCC5630_08 Datasheet
65Kb / 5P
Low Voltage Differential (LVD/SE) SCSI 9 Line Terminator
UCC5680 TI1-UCC5680_15 Datasheet
218Kb / 11P
9-LINE LVD ONLY SCSI TERMINATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com