Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC5641 Datasheet(PDF) 2 Page - Texas Instruments

Part # UCC5641
Description  Low Voltage Differential LVD SCSI 9 Line Terminator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC5641 Datasheet(HTML) 2 Page - Texas Instruments

  UCC5641 Datasheet HTML 1Page - Texas Instruments UCC5641 Datasheet HTML 2Page - Texas Instruments UCC5641 Datasheet HTML 3Page - Texas Instruments UCC5641 Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
UCC5641
ABSOLUTE MAXIMUM RATINGS
TERMPWR Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +6V
Signal Line Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . 0V to 3.6V
Package Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1W
Storage Temperature . . . . . . . . . . . . . . . . . . . –65°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . –55°C to +150°C
Lead Temperature (Soldering, 10 sec.) . . . . . . . . . . . . . +300°C
Currents are positive into negative out of the specified terminal.
consult Packaging Section of Databook for thermal limitations
and considerations of package.
RECOMMENDED OPERATING CONDITIONS
TERMPWR Voltage . . . . . . . . . . . . . . . . . . . . . . . 2.7V to 5.25V
DIFFB
L6+
L8–
L8+
L7–
TRMPWR
L1+
L4–
L3+
L4+
L1–
L2+
L2–
REG
L3–
DIFSENS
L7+
L6–
L5–
12
11
10
9
8
7
6
5
4
3
2
1
13
14
15
16
17
18
19
20
21
22
23
24
L5+
L9–
L9+
GND
DISCNCT
CONNECTION DIAGRAMS
TSSOP-24 (Top View)
PW24 Package
ELECTRICAL CHARACTERISTICS: Unless otherwise stated, specifications apply for TA = 0°C to 70°C,
TRMPWR = 3.3V. TA =TJ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
TRMPWR Supply Current Section
TRMPWR Supply Current
No Load
25
mA
Disabled Terminator
400
µA
TRMPWR Voltage
2.7
5.25
V
DIFFB
L6+
L8–
L8+
L7–
TRMPWR
L1+
N/C
L4–
L3+
L4+
L1–
L2+
L2–
REG
L3–
DIFSENS
L7+
L6–
L5–
N/C
GND
14
13
12
11
10
9
8
7
6
5
4
3
2
1
15
16
17
18
19
20
21
22
23
24
25
26
27
28
L5+
N/C
DISCNCT
L9–
L9+
LVD
TSSOP-28 (Top View)
PW28 Package



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com