Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BNC-RBP1 Datasheet(PDF) 2 Page - DDK Ltd.

Part # BNC-RBP1
Description  BNC Type Connectors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

BNC-RBP1 Datasheet(HTML) 2 Page - DDK Ltd.

  BNC-RBP1 Datasheet HTML 1Page - DDK Ltd. BNC-RBP1 Datasheet HTML 2Page - DDK Ltd. BNC-RBP1 Datasheet HTML 3Page - DDK Ltd. BNC-RBP1 Datasheet HTML 4Page - DDK Ltd. BNC-RBP1 Datasheet HTML 5Page - DDK Ltd. BNC-RBP1 Datasheet HTML 6Page - DDK Ltd. BNC-RBP1 Datasheet HTML 7Page - DDK Ltd. BNC-RBP1 Datasheet HTML 8Page - DDK Ltd. BNC-RBP1 Datasheet HTML 9Page - DDK Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
●
  ●
BNC Series
Unit : mm
■ Plug
Clamp Type
P/N
Applicable
Cable
φA
(L)
Finish
Shell
Contact
BNC-P-3
3D-2V
6.4
25.0
Ag
Ag
3C-2V
BNC-P-3-Ni
3D-2V
6.4
25.0
Ni
Ag
3C-2V
BNC-P-3-NiCAu
3D-2V
6.4
25.0
Ni
Au
3C-2V
BNC-P-58U
RG-55/U
5.4
27.0
Ag
Ag
RG-58/U
BNC-P-58U-Ni
RG-55/U
5.4
27.0
Ni
Ag
RG-58/U
BNC-P-62U
RG-62/U
6.6
26.2
Ag
Ag
BNC-P-62U-Ni
RG-62/U
6.6
26.2
Ni
Ag
UG-260/U
RG-59/U
6.55
24.6
Ag
Ag
RG-62/U
UG-260/U-Ni
RG-59/U
6.55
24.6
Ni
Ag
RG-62/U
P/N
Applicable
Cable
φA
(L)
Finish
Shell
Contact
BNC-P-3W
3D-2W
7.1
29.1
Ag
Ag
3C-2W
BNC-P-3W-Ni-1
3D-2W
7.1
29.1
Ni
Ag
3C-2W
BNC-P-3CT
3C-2T
8.0
30.0
Ag
Ag
BNC-P-3CT-Ni
3C-2T
8.0
30.0
Ni
Ag
P/N
Applicable
Cable
φA
(L)
Finish
Shell
Contact
BNC-P-5
5D-2V
8.6
37.0
Ag
Ag
5C-2V
BNC-P-5-Ni
5D-2V
8.6
37.0
Ni
Ag
5C-2V
BNC-P-5W
5D-2W
9.2
37.0
Ag
Ag
5C-2W
BNC-P-5W-Ni
5D-2W
9.2
37.0
Ni
Ag
5C-2W
BNC-P-5CFB
5C-FB
8.6
37.0
Ni
Ag
BNC-SP-5DFB
5D-FB
8.1
39.0
Ni
Ag
BNC-P-5C2T
5C-2T
10.1
37.0
Ag
Ag
BNC-P-7
7C-2V
11.25
37.0
Ag
Ag
BNC-P-7-Ni
7C-2V
11.25
37.0
Ni
Ag
(L)
(L)
(L)
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com