Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BNC-RBP1 Datasheet(PDF) 1 Page - DDK Ltd.

Part # BNC-RBP1
Description  BNC Type Connectors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

BNC-RBP1 Datasheet(HTML) 1 Page - DDK Ltd.

  BNC-RBP1 Datasheet HTML 1Page - DDK Ltd. BNC-RBP1 Datasheet HTML 2Page - DDK Ltd. BNC-RBP1 Datasheet HTML 3Page - DDK Ltd. BNC-RBP1 Datasheet HTML 4Page - DDK Ltd. BNC-RBP1 Datasheet HTML 5Page - DDK Ltd. BNC-RBP1 Datasheet HTML 6Page - DDK Ltd. BNC-RBP1 Datasheet HTML 7Page - DDK Ltd. BNC-RBP1 Datasheet HTML 8Page - DDK Ltd. BNC-RBP1 Datasheet HTML 9Page - DDK Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
●
 ●
BNC Series
●
BNC series is most widely used as 50 Ω coaxial
cable connectors.
●
This series is used specially for interface of fre
-
quent fit-in/pull-out instruments by small size/
light weight bayonet lock mechanism.
Note:
BNC series is intermateable with BNC75 series.
(75Ω group)
●
If 75 Ω cable is used for this series, the fre
-
quency to be applied must be below 200MHz.
For more than 200MHz, BNC75 series must be
used.
JIS-C-5412、 MIL-C-39012、 DSP-C-6202、 NTTSpec No.2095
Specifications depends on each connector although these are basic specifications.
Please ask us for the cable assemblies to assure its performance.
BNC Type Connectors
CONFORMING STANDARD
SPECIFICATION
Characteristic Impedance
50Ω
Dielectric withstanding voltage
1500V AC (rms) for 1 minute
Insulation resistance
1000MΩmin. at 500V DC
Contact resistance
3mΩ max.
VSWR
1.3max. at DC~2GHz
MATERIAL/FINISH
Shell (Body)
Copper alloy/Silver or Nickel plating
Contact (male)
Copper alloy/Silver or Gold plating
Contact (female)
Copper alloy/Silver or Gold plating
Insulators
PTFE
Gaskets
Silicone rubber
1


Similar Part No. - BNC-RBP1

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
BNC-R-17A HIROSE-BNC-R-17A Datasheet
628Kb / 8P
RFCO-AXIAL CONNECTORS
BNC-R-PC HIROSE-BNC-R-PC Datasheet
628Kb / 8P
RFCO-AXIAL CONNECTORS
BNC-R-PC-2 HIROSE-BNC-R-PC-2 Datasheet
628Kb / 8P
RFCO-AXIAL CONNECTORS
BNC-R-PC-7 HIROSE-BNC-R-PC-7 Datasheet
628Kb / 8P
RFCO-AXIAL CONNECTORS
logo
DDK Ltd.
BNC-RD DDK-BNC-RD Datasheet
234Kb / 4P
BNC Isolated Receptacle(PCB Mounting)
More results

Similar Description - BNC-RBP1

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
31-10 DDK-31-10 Datasheet
120Kb / 2P
BNC (Isolated) Receptacle Connectors Commercial Type
BNC75 DDK-BNC75 Datasheet
177Kb / 4P
75廓 BNC Type Connectors
logo
Amphenol Corporation
000-46650-75 AMPHENOL-000-46650-75 Datasheet
4Mb / 16P
BNC Connectors
logo
Molex Electronics Ltd.
73171 MOLEX2-73171 Datasheet
423Kb / 2P
BNC 75 Ohm Connectors
logo
List of Unclassifed Man...
330876 ETC2-330876 Datasheet
38Kb / 1P
BNC Connectors, 50 Ohm
KTH-2258 ETC2-KTH-2258 Datasheet
1Mb / 2P
Long Barrel BNC Connectors
logo
Adam Technologies, Inc.
RF1-01-P-00-50 ADAM-TECH-RF1-01-P-00-50 Datasheet
95Kb / 1P
RIGHT ANGLE BNC CONNECTORS
logo
Winchester Electronics ...
310B205MV WINCHESTER-310B205MV Datasheet
454Kb / 11P
Specifications for BNC Connectors
SBC1407B WINCHESTER-SBC1407B Datasheet
53Kb / 2P
Standard BNC Connectors
logo
Electronic Components L...
BNC CLIFF-BNC Datasheet
341Kb / 2P
BNC FEEDTHROUGH CONNECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com