Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10065 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # 10065
Description  4o LED Optic
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

10065 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  10065 Datasheet HTML 1Page - Roithner LaserTechnik GmbH 10065 Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Designed for the 4o optic, the
Holder fits neatly onto a Luxeon
Star Board ensuring that the lens
is centred and held at the
optimum focal distance. Available
in Black or White colours for 1, 3
or 5 Watt Luxeons
.
4o Optic Holder
Part No.
10064.
10065
10076
10077
Description
For 1 Watt Luxeon
For 1 Watt Luxeon
For 3 and 5 Watt Luxeon
For 3 and 5 Watt Luxeon
Colour
Black
White
Black
White
Dim'n 'D'
17.15mm
17.15mm
16.15mm
16.15mm
Dim'n 'E'
22.7mm
22.7mm
21.7mm
21.7mm
If your application requires a narrower beam angle than usual
but you still require a compact, inexpensive solution then
choose the 4o Optic from Carclo. This optic has been optimised
to give a bright, sharply defined spot of light. The optics can
be used with all Luxeon colour, wattage and package types.
Two versions are currently available, one that produces a
circular 4o beam and the other that gives a 4o x 25o ellipsoidal
beam. The optics are made from Lens Quality Polycarbonate;
they exhibit high thermal stability and long term durability.
Lenses can be supplied seperately or with holders. For the full
range of holders refer to table below.
4o LED Optic
Optimised for Luxeon LED's
4o Beam angle (HWHP)
Available with holder
Lens Quality Polycarbonate
Thermally stable


Similar Part No. - 10065

ManufacturerPart #DatasheetDescription
logo
Heyco.
10065 HEYCO-10065 Datasheet
126Kb / 1P
Nylon PCB Supports - Imperial Spacing
logo
ATGBICS by Approved Tec...
10065-C ATGBICS-10065-C Datasheet
184Kb / 7P
10065 Extreme Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
logo
Weidmuller
1006530000 WEIDMULLER-1006530000 Datasheet
359Kb / 7P
BLT 5.08HC/05/180 SN OR PRT K01
1006540000 WEIDMULLER-1006540000 Datasheet
359Kb / 7P
BLT 5.08HC/05/180 SN OR PRT K02
1006550000 WEIDMULLER-1006550000 Datasheet
361Kb / 7P
BLT 5.08HC/08/180 SN OR PRT K01
More results

Similar Description - 10065

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F5300 PHILIPS-74F5300 Datasheet
81Kb / 10P
Fiber optic LED driver
1989 Dec 13
logo
Micro Linear Corporatio...
ML4632 MICRO-LINEAR-ML4632 Datasheet
173Kb / 8P
Fiber Optic LED Driver
logo
OPTEK Technologies
OPF693 OPTEK-OPF693 Datasheet
332Kb / 3P
850nm, Fiber Optic LED Transmitter
Sep-2003
OPF371 OPTEK-OPF371 Datasheet
3Mb / 2P
Fiber Optic GaA lAs LED
1/16
OPF320A OPTEK-OPF320A Datasheet
289Kb / 2P
Fiber Optic GaAIAs LED
logo
Chicago Miniature Lamp,...
19200X50 CML-19200X50 Datasheet
340Kb / 1P
LED Indicator 8mm Infrared LED with optic
19200000 CML-19200000 Datasheet
265Kb / 1P
LED Indicator 8mm Infrared LED with Optic
logo
OPTEK Technologies
OPF692 OPTEK-OPF692 Datasheet
337Kb / 3P
850nm, Fiber Optic LED Transmitter
September 2003
logo
List of Unclassifed Man...
10759 ETC2-10759 Datasheet
132Kb / 1P
30MM LED OPTIC ELLIPTICAL BEAM
OTFI-0100 ETC2-OTFI-0100 Datasheet
263Kb / 4P
LED Fiber Optic Illuminator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com