Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

383-2UYC/H2/S400 Datasheet(PDF) 4 Page - Roithner LaserTechnik GmbH

Part # 383-2UYC/H2/S400
Description  5.0mm Round Type LED Lamps
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

383-2UYC/H2/S400 Datasheet(HTML) 4 Page - Roithner LaserTechnik GmbH

  383-2UYC/H2/S400 Datasheet HTML 1Page - Roithner LaserTechnik GmbH 383-2UYC/H2/S400 Datasheet HTML 2Page - Roithner LaserTechnik GmbH 383-2UYC/H2/S400 Datasheet HTML 3Page - Roithner LaserTechnik GmbH 383-2UYC/H2/S400 Datasheet HTML 4Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
 



 
 





 
"
)
.2"$("$2

 
-# F +

"#( :
.< 31*1
* 


: /0*1$
3
.-  !#
G*$
*H


 **1$
: /1*$

.4 # 4"6
G2
*H


 1*$

:4.-  
" 
.< 1
:


*
"'.-  
" 
.< **1
:



,- $I
)E3+
:



:4.-  :4
:(!
0*10*J:
:






Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com