Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

383-2UYC/H2/S400 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # 383-2UYC/H2/S400
Description  5.0mm Round Type LED Lamps
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

383-2UYC/H2/S400 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  383-2UYC/H2/S400 Datasheet HTML 1Page - Roithner LaserTechnik GmbH 383-2UYC/H2/S400 Datasheet HTML 2Page - Roithner LaserTechnik GmbH 383-2UYC/H2/S400 Datasheet HTML 3Page - Roithner LaserTechnik GmbH 383-2UYC/H2/S400 Datasheet HTML 4Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
 



 
 










 ! "#$

%&''($

)'*#"$

+*"*#$



%,""&


#-%%

*%#

%./'*(#%
"&&#0##0
1,0#$





2#
!$)"#$

3#
$)1,,1#"*#

%
!$45 $ 46778"(##%"$

#
$  $4$
)+ 9:
%
.
3#
/##"







Similar Part No. - 383-2UYC/H2/S400

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
383-2UYC/S400 ROITHNER-383-2UYC/S400 Datasheet
23Kb / 1P
YELLOW AlGaInP LED
logo
Everlight Electronics C...
383-2UYC/S400-A10/TR1 EVERLIGHT-383-2UYC/S400-A10/TR1 Datasheet
112Kb / 8P
Technical Data Sheet 5.0mm Round Type LED Lamps
383-2UYC/S400-A6 EVERLIGHT-383-2UYC/S400-A6 Datasheet
98Kb / 6P
Technical Data Sheet 5.0mm Round Type LED Lamps
383-2UYC/S400-A7 EVERLIGHT-383-2UYC/S400-A7 Datasheet
103Kb / 6P
Technical Data Sheet 5.0mm Round Type LED Lampsd
383-2UYC/S400-A8 EVERLIGHT-383-2UYC/S400-A8 Datasheet
103Kb / 6P
Technical Data Sheet 5.0mm Round Type LED Lamps
More results

Similar Description - 383-2UYC/H2/S400

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
A253B-G EVERLIGHT-A253B-G Datasheet
107Kb / 7P
5.0mm Round Type LED Lamps
1383-2UYD EVERLIGHT-1383-2UYD Datasheet
113Kb / 6P
5.0mm Round Type LED Lamps
1383-2UYT EVERLIGHT-1383-2UYT Datasheet
95Kb / 6P
5.0mm Round Type LED Lamps
2SURC-H3-S530-A5 EVERLIGHT-2SURC-H3-S530-A5 Datasheet
129Kb / 6P
5.0mm Round Type LED Lamps
383-2SUBC EVERLIGHT-383-2SUBC Datasheet
98Kb / 6P
5.0mm Round Type LED Lamps
333-2SURC-S400-A8 EVERLIGHT-333-2SURC-S400-A8 Datasheet
98Kb / 6P
5.0mm Round Type LED Lamps
7343-2SYGD-S530-E3 EVERLIGHT-7343-2SYGD-S530-E3 Datasheet
118Kb / 6P
5.0mm Round Type LED Lamps
1383SDRD-S530-A3 EVERLIGHT-1383SDRD-S530-A3 Datasheet
123Kb / 6P
5.0mm Round Type LED Lamps
1383SURT-S530-A3 EVERLIGHT-1383SURT-S530-A3 Datasheet
105Kb / 6P
5.0mm Round Type LED Lamps
333-2SURC-S530-A2 EVERLIGHT-333-2SURC-S530-A2 Datasheet
72Kb / 4P
5.0mm Round Type LED Lamps
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com