Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM09-R25S Datasheet(PDF) 2 Page - DDK Ltd.

Part # CM09-R25S
Description  One-Touch Locking Style Small Sized Circular Connectors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

CM09-R25S Datasheet(HTML) 2 Page - DDK Ltd.

  CM09-R25S Datasheet HTML 1Page - DDK Ltd. CM09-R25S Datasheet HTML 2Page - DDK Ltd. CM09-R25S Datasheet HTML 3Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Unit:mm
http://www.ddknet.co.jp
Specifications are subject to change without notice for purpose of product modification
CM09 Series
2
○Plug
○Cable Receptacle
○Receptacle
Applicable Cable Outside Dia. : φ 11 〜 φ 12.5
Applicable Cable Outside Dia. : φ 11 〜 φ 12.5
Item
P/N
Plug for Pin Contacts
CM09-P25P
Plug for Socket Contacts
CM09-P25S
(Without contacts)
23
25
22
18
14
13
8
7
3
1
2
19
64
7
3
1
2
8
13
18
14
19
22
25
23
CM09-P25P
CM09-P25S
7
3
1
2
63.3
8
13
18
14
19
22
25
23
CM09-CR25S
23
25
22
18
14
13
8
7
3
1
2
19
CM09-CR25P
Mountig Dimensions
2
1
19
18
7
8
22
14
13
25
23
3
27
17.7
25.3
3.7
M24×1Thread
45°
5Max.(Panel Thikness)
CM09-R25P
Item
P/N
Cable Receptacle for Pin Contacts
CM09-CR25P
Cable Receptacle for Socket Contacts CM09-CR25S
Item
P/N
Receptacle for Pin Contacts
CM09-R25P
Receptacle for Socket Contacts
CM09-R25S
(Without contacts)
(Without contacts)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com