Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM09-R25S Datasheet(PDF) 1 Page - DDK Ltd.

Part # CM09-R25S
Description  One-Touch Locking Style Small Sized Circular Connectors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

CM09-R25S Datasheet(HTML) 1 Page - DDK Ltd.

  CM09-R25S Datasheet HTML 1Page - DDK Ltd. CM09-R25S Datasheet HTML 2Page - DDK Ltd. CM09-R25S Datasheet HTML 3Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
http://www.ddknet.co.jp
Specifications are subject to change without notice for purpose of product modification
・Strong construction, using metal shells.
・One-touch mating and sure locking by
“Push-On & Turn-Off”mechanism.
・Sequence structure with Protective circuitry.
(First make-last break contacts)
・Size 20 power contacs for position 1 and 2,
making first connections.
・High reliability by crimping termination.
CM09 Series
One-Touch Locking Style
Small Sized Circular Connectors
1
RoHS
Compliant
RoHS
Compliant
◆ FEATURES
◆ SPECIFICATIONS
◆ MATERIALS/FINISHES
Rated Current
1A / Contact
Rated Voltage
200V AC (r.m.s.)
Dielectric Withstanding Voltage  
1500V AC(r.m.s.) / 1 minute
Insulation Resistance
1,000M Ω Min. at 500V DC
Waterproof
IP67 when mated
Operating Temperature Range
-25° C to +70° C
No.of Contacts
25(#20-2 Pin , #22-23 Pin)
Applicable Wire Size
20AWG to 22AWG
Item
Receptacle
Plug
Cable Receptacle
Insulator
Plastic(UL94V-0)/Black
Plastic(UL94V-0)/Black
Plastic(UL94V-0)/Black
Contact
Copper Alloy/Gold Plating
Copper Alloy/Gold Plating Copper Alloy/Gold Plating
Shell
Zinc Alloy/Nickel Plating
Zinc Alloy/Nickel Plating
Zinc Alloy/Nickel Plating
Coupling Ring
Zinc Alloy/Nickel Plating
Backshell
Zinc Alloy/Nickel Plating
Zinc Alloy/Nickel Plating
Bushing
Synthetic Rubber/Black
Synthetic Rubber/Black
Cable Clamp
Plastic(UL94V-0)/Black
Plastic(UL94V-0)/Black
Clamp Nut
Zinc Alloy/Nickel Plating
Zinc Alloy/Nickel Plating
Hex. Nut
Zinc Alloy/Nickel Plating
Gasket
Synthetic Rubber/Black
O Ring
Synthetic Rubber/Black
Synthetic Rubber/Black
Ground Plate
Copper Alloy/Gold Plating
Copper Alloy/Gold Plating Copper Alloy/Gold Plating
Screw
Stainless Steel
Stainless Steel
Spring Pin
Stainless Steel
Stainless Steel
Stainless Steel
200711
Waterproof
IP 67
Lock Type
Push-On


Similar Part No. - CM09-R25S

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CM09-R25S DDK-CM09-R25S Datasheet
1Mb / 4P
One-Touch Locking Styled , Small Sized Circular Connectors
More results

Similar Description - CM09-R25S

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CM04T DDK-CM04T Datasheet
179Kb / 2P
M12 Sized & Sealed Circular Connectors
CM10 DDK-CM10 Datasheet
334Kb / 5P
One-Touch Locking Style Small Sized Circular Connectors
FSE DDK-FSE Datasheet
121Kb / 3P
Locking-with-one-touch system
logo
Panasonic Semiconductor
EVQ-PUJ02K PANASONIC-EVQ-PUJ02K Datasheet
114Kb / 4P
Small-sized Side-operational SMD Light Touch Switches
logo
Japan Aviation Electron...
JL10 JAE-JL10 Datasheet
1Mb / 15P
One-touch / Screw Mating Compatible Circular Waterproof Connector
logo
DDK Ltd.
CM04TA-8DP8S-010 DDK-CM04TA-8DP8S-010 Datasheet
990Kb / 2P
M12 Sized & Sealed Circular Connectors
CMV1-SP10S-S DDK-CMV1-SP10S-S Datasheet
918Kb / 7P
One-Touch Locking Style Small Sized Circular Connectors
CM09-P25P DDK-CM09-P25P Datasheet
1Mb / 4P
One-Touch Locking Styled , Small Sized Circular Connectors
CM10-SP10S-S-D DDK-CM10-SP10S-S-D Datasheet
929Kb / 5P
One-Touch Locking Style Small Sized Circular Connectors
CM10-SP10S-S(D6) DDK-CM10-SP10S-S(D6) Datasheet
915Kb / 5P
One-Touch Locking Style Small Sized Circular Connectors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com