Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APTGF50TL60T3G Datasheet(PDF) 3 Page - Microsemi Corporation

Part # APTGF50TL60T3G
Description  Three level inverter NPT IGBT Power Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTGF50TL60T3G Datasheet(HTML) 3 Page - Microsemi Corporation

  APTGF50TL60T3G Datasheet HTML 1Page - Microsemi Corporation APTGF50TL60T3G Datasheet HTML 2Page - Microsemi Corporation APTGF50TL60T3G Datasheet HTML 3Page - Microsemi Corporation APTGF50TL60T3G Datasheet HTML 4Page - Microsemi Corporation APTGF50TL60T3G Datasheet HTML 5Page - Microsemi Corporation APTGF50TL60T3G Datasheet HTML 6Page - Microsemi Corporation APTGF50TL60T3G Datasheet HTML 7Page - Microsemi Corporation APTGF50TL60T3G Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
APTGF50TL60T3G
www.microsemi.com
3- 8
CR1 to CR6 diode ratings and characteristics
Symbol
Characteristic
Test Conditions
Min
Typ
Max
Unit
VRRM
Maximum Peak Repetitive Reverse Voltage
600
V
Tj = 25°C
25
IRM
Maximum Reverse Leakage Current
VR=600V
Tj = 150°C
500
µA
IF
DC Forward Current
Tc = 80°C
30
A
IF = 30A
1.8
2.2
IF = 60A
2.2
VF
Diode Forward Voltage
IF = 30A
Tj = 125°C
1.5
V
Tj = 25°C
25
trr
Reverse Recovery Time
Tj = 125°C
160
ns
Tj = 25°C
35
Qrr
Reverse Recovery Charge
IF = 30A
VR = 400V
di/dt =200A/µs
Tj = 125°C
480
nC
Err
Reverse Recovery Energy
IF = 30A
VR = 400V
di/dt =1000A/µs
Tj = 125°C
0.6
mJ
RthJC
Junction to Case Thermal Resistance
1.2
°C/W
Temperature sensor NTC (see application note APT0406 on www.microsemi.com for more information).
Symbol
Characteristic
Min
Typ
Max
Unit
R25
Resistance @ 25°C
50
k
Ω
∆R25/R25
5
%
B25/85
T25 = 298.15 K
3952
K
∆B/B
TC=100°C
4
%
⎥
⎦
⎤
⎢
⎣
⎡
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
=
T
T
B
R
R
T
1
1
exp
25
85
/
25
25
Thermal and package characteristics
Symbol
Characteristic
Min
Typ
Max
Unit
VISOL
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
2500
V
TJ
Operating junction temperature range
-40
150
TSTG
Storage Temperature Range
-40
125
TC
Operating Case Temperature
-40
100
°C
Torque Mounting torque
To heatsink
M4
2.5
4.7
N.m
Wt
Package Weight
110
g
T: Thermistor temperature
RT: Thermistor value at T



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com