Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APTGF50TL60T3G Datasheet(PDF) 6 Page - Microsemi Corporation

Part # APTGF50TL60T3G
Description  Three level inverter NPT IGBT Power Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTGF50TL60T3G Datasheet(HTML) 6 Page - Microsemi Corporation

  APTGF50TL60T3G Datasheet HTML 1Page - Microsemi Corporation APTGF50TL60T3G Datasheet HTML 2Page - Microsemi Corporation APTGF50TL60T3G Datasheet HTML 3Page - Microsemi Corporation APTGF50TL60T3G Datasheet HTML 4Page - Microsemi Corporation APTGF50TL60T3G Datasheet HTML 5Page - Microsemi Corporation APTGF50TL60T3G Datasheet HTML 6Page - Microsemi Corporation APTGF50TL60T3G Datasheet HTML 7Page - Microsemi Corporation APTGF50TL60T3G Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
APTGF50TL60T3G
www.microsemi.com
6- 8
VGE = 15V
20
30
40
50
60
0
25
50
75
100
125
150
ICE, Collector to Emitter Current (A)
Turn-On Delay Time vs Collector Current
Tj = 125°C
VCE = 400V
RG = 2.7Ω
VGE=15V,
TJ=25°C
VGE=15V,
TJ=125°C
50
75
100
125
150
175
0
25
50
75
100
125
150
ICE, Collector to Emitter Current (A)
Turn-Off Delay Time vs Collector Current
VCE = 400V
RG = 2.7Ω
VGE=15V,
TJ=125°C
0
10
20
30
40
50
60
0
25
50
75
100
125
150
ICE, Collector to Emitter Current (A)
Current Rise Time vs Collector Current
VCE = 400V
RG = 2.7Ω
TJ = 25°C
TJ = 125°C
0
10
20
30
40
50
60
0
255075
100
125
150
ICE, Collector to Emitter Current (A)
Current Fall Time vs Collector Current
VCE = 400V, VGE = 15V, RG = 2.7Ω
TJ=125°C,
VGE=15V
0
0.5
1
1.5
2
0
25
50
75
100
125
150
ICE, Collector to Emitter Current (A)
Turn-On Energy Loss vs Collector Current
VCE = 400V
RG = 2.7Ω
TJ = 125°C
0
0.5
1
1.5
2
2.5
0
25
50
75
100
125
150
ICE, Collector to Emitter Current (A)
Turn-Off Energy Loss vs Collector Current
VCE = 400V
VGE = 15V
RG = 2.7Ω
Eon, 50A
Eon, 50A
Eoff, 50A
0
0.5
1
1.5
2
2.5
3
0
5
10
15
20
25
Gate Resistance (Ohms)
Switching Energy Losses vs Gate Resistance
VCE = 400V
VGE = 15V
TJ= 125°C
0
20
40
60
80
100
120
0
200
400
600
Reverse Bias Safe Operating Area
VCE, Collector to Emitter Voltage (V)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com