Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APTGT50TL60T3G Datasheet(PDF) 5 Page - Microsemi Corporation

Part # APTGT50TL60T3G
Description  Three level inverter Trench Field Stop IGBT Power Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTGT50TL60T3G Datasheet(HTML) 5 Page - Microsemi Corporation

  APTGT50TL60T3G Datasheet HTML 1Page - Microsemi Corporation APTGT50TL60T3G Datasheet HTML 2Page - Microsemi Corporation APTGT50TL60T3G Datasheet HTML 3Page - Microsemi Corporation APTGT50TL60T3G Datasheet HTML 4Page - Microsemi Corporation APTGT50TL60T3G Datasheet HTML 5Page - Microsemi Corporation APTGT50TL60T3G Datasheet HTML 6Page - Microsemi Corporation APTGT50TL60T3G Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
APTGT50TL60T3G
www.microsemi.com
5- 7
Output Characteristics (VGE=15V)
TJ=25°C
TJ=25°C
TJ=125°C
TJ=150°C
0
20
40
60
80
100
00.5
11.5
22.5
3
VCE (V)
Output Characteristics
VGE=15V
VGE=13V
VGE=19V
VGE=9V
0
20
40
60
80
100
0
0.5
1
1.5
2
2.5
3
3.5
VCE (V)
TJ = 150°C
Transfert Characteristics
TJ=25°C
TJ=25°C
TJ=150°C
0
20
40
60
80
100
5
6
7
8
9
101112
VGE (V)
Energy losses vs Collector Current
Eon
Eoff
0
0.5
1
1.5
2
2.5
3
3.5
0
20
40
60
80
100
IC (A)
VCE = 300V
VGE = 15V
RG = 8.2Ω
TJ = 150°C
Eon
Eoff
0
0.5
1
1.5
2
2.5
3
5
15
253545
5565
Gate Resistance (ohms)
VCE = 300V
VGE =15V
IC = 50A
TJ = 150°C
Switching Energy Losses vs Gate Resistance
Reverse Bias Safe Operating Area
0
25
50
75
100
125
0
100 200 300 400 500 600 700
VCE (V)
VGE=15V
TJ=150°C
RG=8.2Ω
maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration
0.9
0.7
0.5
0.3
0.1
0.05
Single Pulse
0
0.2
0.4
0.6
0.8
1
0.00001
0.0001
0.001
0.01
0.1
1
10
Rectangular Pulse Duration in Seconds



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com