Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APTGT50TL60T3G Datasheet(PDF) 1 Page - Microsemi Corporation

Part # APTGT50TL60T3G
Description  Three level inverter Trench Field Stop IGBT Power Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTGT50TL60T3G Datasheet(HTML) 1 Page - Microsemi Corporation

  APTGT50TL60T3G Datasheet HTML 1Page - Microsemi Corporation APTGT50TL60T3G Datasheet HTML 2Page - Microsemi Corporation APTGT50TL60T3G Datasheet HTML 3Page - Microsemi Corporation APTGT50TL60T3G Datasheet HTML 4Page - Microsemi Corporation APTGT50TL60T3G Datasheet HTML 5Page - Microsemi Corporation APTGT50TL60T3G Datasheet HTML 6Page - Microsemi Corporation APTGT50TL60T3G Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
APTGT50TL60T3G
www.microsemi.com
1- 7
Q1 to Q4 Absolute maximum ratings
Symbol
Parameter
Max ratings
Unit
VCES
Collector - Emitter Breakdown Voltage
600
V
TC = 25°C
80
IC
Continuous Collector Current
TC = 80°C
50
ICM
Pulsed Collector Current
TC = 25°C
100
A
VGE
Gate – Emitter Voltage
±20
V
PD
Maximum Power Dissipation
TC = 25°C
176
W
RBSOA Reverse Bias Safe Operating Area
TJ = 150°C
100A @ 550V
These Devices are sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed.
See application note APT0502 on www.microsemi.com
16
15
18
20
23 22
13
11 12
14
8
7
29
30
28 27 26
3
32
31
10
19
2
25
4
All multiple inputs and outputs must be shorted together
Example: 10/11/12 ; 7/8 …
VCES = 600V
IC = 50A @ Tc = 80°C
Application
•
Solar converter
•
Uninterruptible Power Supplies
Features
•
Trench + Field Stop IGBT Technology
-
Low voltage drop
-
Low tail current
-
Switching frequency up to 20 kHz
-
Soft recovery parallel diodes
-
Low diode VF
-
Low leakage current
-
RBSOA and SCSOA rated
•
Kelvin emitter for easy drive
•
Very low stray inductance
•
High level of integration
•
Internal thermistor for temperature monitoring
Benefits
•
Stable temperature behavior
•
Very rugged
•
Direct mounting to heatsink (isolated package)
•
Low junction to case thermal resistance
•
Easy paralleling due to positive TC of VCEsat
•
Low profile
•
RoHS Compliant
Three level inverter
Trench + Field Stop IGBT
Power Module


Similar Part No. - APTGT50TL60T3G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGT50TL601G MICROSEMI-APTGT50TL601G Datasheet
232Kb / 7P
Three level inverter Trench Field Stop IGBT Power Module
More results

Similar Description - APTGT50TL60T3G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGT20TL60T3G MICROSEMI-APTGT20TL60T3G Datasheet
208Kb / 6P
Three level inverter Trench Field Stop IGBT Power Module
APTGT20TL601G MICROSEMI-APTGT20TL601G Datasheet
222Kb / 6P
Three level inverter Trench Field Stop IGBT Power Module
APTGT30TL60T3G MICROSEMI-APTGT30TL60T3G Datasheet
217Kb / 7P
Three level inverter Trench Field Stop IGBT Power Module
APTGT30TL601G MICROSEMI-APTGT30TL601G Datasheet
231Kb / 7P
Three level inverter Trench Field Stop IGBT Power Module
APTGT50TL601G MICROSEMI-APTGT50TL601G Datasheet
232Kb / 7P
Three level inverter Trench Field Stop IGBT Power Module
APTGT75TL60T3G MICROSEMI-APTGT75TL60T3G Datasheet
222Kb / 7P
Three level inverter Trench Field Stop IGBT Power Module
APTGT100TL60T3G MICROSEMI-APTGT100TL60T3G Datasheet
224Kb / 7P
Three level inverter Trench Field Stop IGBT Power Module
APTGT150TL60G MICROSEMI-APTGT150TL60G Datasheet
226Kb / 7P
Three level inverter Trench Field Stop IGBT Power Module
APTGT200TL60G MICROSEMI-APTGT200TL60G Datasheet
226Kb / 7P
Three level inverter Trench Field Stop IGBT Power Module
APTGT300TL60G MICROSEMI-APTGT300TL60G Datasheet
225Kb / 7P
Three level inverter Trench Field Stop IGBT Power Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com